Electronic Components Datasheet Search |
|
MCM69L818AZP7.5R Datasheet(PDF) 7 Page - Motorola, Inc |
|
MCM69L818AZP7.5R Datasheet(HTML) 7 Page - Motorola, Inc |
7 / 20 page MCM69L736A •MCM69L818A 7 MOTOROLA FAST SRAM DC OUTPUT BUFFER CHARACTERISTICS – PROGRAMMABLE IMPEDANCE PUSH–PULL OUTPUT BUFFER MODE (0 _C ≤ TA ≤ 70_C, Unless Otherwise Noted, See Notes 5 and 6) Parameter Symbol Min Max Unit Notes Output Logic Low VOL VDDQ/2 – 0.025 VDDQ/2 +0.025 V 1 Output Logic High VOH VDDQ/2 – 0.025 VDDQ/2 + 0.025 V 2 Light Load Output Logic Low VOL1 VSS 0.2 V 3 Light Load Output Logic High VOH1 VDDQ – 0.2 VDDQ V 4 NOTES: 1. IOL = (VDDQ/2)/(RQ/5) for values of RQ = 175 Ω ≤ RQ ≤ 350 Ω. 2. | IOH | = (VDDQ/2)/(RQ/5) for values of RQ = 175 Ω ≤ RQ ≤ 350 Ω. 3. IOL ≤ 100 µA. 4. | IOH | ≤ 100 µA. 5. The impedance controlled mode is expected to be used in point–to–point applications, driving high impedance inputs. 6. The ZQ pin is connected through RQ to VSS for the controlled impedance mode. DC OUTPUT BUFFER CHARACTERISTICS — MINIMUM IMPEDANCE PUSH–PULL OUTPUT BUFFER MODE (0 _C ≤ TA ≤ 70_C, ZQ = VDD) (See Notes 1 and 2) Parameter Symbol Min Max Unit Notes Output Logic Low VOL2 VSS 0.4 V 3 Output Logic High VOH2 VDDQ – 0.4 VDDQ V 4 Light Load Output Logic Low VOL3 VSS 0.2 V 5 Light Load Output Logic High VOH3 VDDQ – 0.2 VDDQ V 6 NOTES: 1. The push–pull output mode is expected to be used in bussed applications and may be series or parallel terminated. Conforms to the JEDEC Standard JESD8–6 Class I. 2. The ZQ pin is connected to VDD to enable the minimum impedance mode. 3. IOL ≤ 8 mA. 4. IOH ≤ 8 mA. 5. IOL ≤ 100 µA. 6. IOH ≤ 100 µA. CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, 0 _C ≤ TA ≤ 70_C, Periodically Sampled Rather Than 100% Tested) Characteristic Symbol Typ Max Unit Input Capacitance Cin 4 5 pF Input/Output Capacitance CI/O 7 8 pF CK, CK Capacitance CCK 4 5 pF |
Similar Part No. - MCM69L818AZP7.5R |
|
Similar Description - MCM69L818AZP7.5R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |