Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

006208526310008+ Datasheet(PDF) 2 Page - AVX Corporation

Part # 006208526310008+
Description  1.0mmPitch ZIF Vertical Through hole Single- sided contact Slide lock
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

006208526310008+ Datasheet(HTML) 2 Page - AVX Corporation

  006208526310008+ Datasheet HTML 1Page - AVX Corporation 006208526310008+ Datasheet HTML 2Page - AVX Corporation 006208526310008+ Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
XX 6208 XXX 0XX XXX+
00:トレー梱包
TRAY PACKAGE
08:マガジン
TUBE PACKAGE(ボス無しのみ ONLY WITHOUT BOSS)
SERIES
6208 1.0mmピッチ ストレート SMT スライドロック
1.0mmPitch Vertical SMT Slide lock
注文コード ORDERING CODE
極数
NUMBER
OF
POSITIONS
バリエーション VARIATION CODE
500:SMT ボス無 WITHOUT BOSS
520:SMT ボス付 WITH BOSS
ボス無 WITHOUT BOSS
ボス付 WITH BOSS
エンボス梱包品:00 6208 5XX X10 XXX +
Tape & Reel Package 00 6208 5XX X10 XXX +
000+:スズ銅めっき
Sn-Cu Plated
009+:カーボンフレキ対応スズ銅めっき Sn-Cu Plated,C/Ag type
852+:金めっき
Au Plated
RoHS 対応品
RoHS Compliant Product
+
+
1.0mm Pitch
生産対応可能極数については、営業部に
ご確認願います。
Feel free to contact our sales department
for available numbers of positions.


Similar Part No. - 006208526310008+

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
   pUSH-pULL CONNECTORS
006200505130000 AVX-006200505130000 Datasheet
265Kb / 3P
   1.0mmPitch RA Through hole / SMT Bottom contact Slide lock
006200505130000++ AVX-006200505130000+ Datasheet
265Kb / 3P
   1.0mmPitch RA Through hole / SMT Bottom contact Slide lock
006200506130000++ AVX-006200506130000+ Datasheet
265Kb / 3P
   1.0mmPitch RA Through hole / SMT Bottom contact Slide lock
006200507130000++ AVX-006200507130000+ Datasheet
265Kb / 3P
   1.0mmPitch RA Through hole / SMT Bottom contact Slide lock
More results

Similar Description - 006208526310008+

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-6208-518-310-000 AVX-00-6208-518-310-000 Datasheet
370Kb / 3P
   1.0mmPitch ZIF Vertical Through hole Single- sided contact Slide lock
00-6229-040-002-800 AVX-00-6229-040-002-800 Datasheet
173Kb / 2P
   1.0mmPitch Vertical Through hole Single- sided contact Slide lock
006200505130000 AVX-006200505130000 Datasheet
265Kb / 3P
   1.0mmPitch RA Through hole / SMT Bottom contact Slide lock
04-6214-012-010-800 AVX-04-6214-012-010-800 Datasheet
322Kb / 2P
   0.5mm Pitch Vertical SMT Single- sided contact Slide lock
00-6200-512-230-000 AVX-00-6200-512-230-000 Datasheet
312Kb / 3P
   1.0mm Pitch RA Through hole / SMT Bottom contact Slide lock
08-6210-008-340-800 AVX-08-6210-008-340-800 Datasheet
231Kb / 2P
   0.5mmPitch RA SMT Bottom contact Slide lock
086224014001800 AVX-086224014001800 Datasheet
197Kb / 2P
   1.0mmPotch RA SMT Top contact Slide lock
08-6260-033-340-829 AVX-08-6260-033-340-829 Datasheet
231Kb / 2P
   0.5mmPitch RA SMT Bottom contact Slide lock
086212010340800 AVX-086212010340800 Datasheet
244Kb / 2P
   0.5mmPitch RA SMT Top contact Slide lock
245602060000829H AVX-245602060000829H Datasheet
256Kb / 2P
   0.5mmPitch RA SMT Top contact Slide lock
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com