Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR02-50 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FR02-50
Description  FAST RECOVERY HIGH VOLTAGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FR02-50 Datasheet(HTML) 1 Page - Frontier Electronics.

  FR02-50 Datasheet HTML 1Page - Frontier Electronics. FR02-50 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR02-25 THRU FR02-60
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FR02-25 THRU FR02-60
FEATURES
FAST RECOVERY TIMES
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
LOW COST
CASE: DO-41
DESIGNED FOR PHOTO FLASH APPLICATION
FR02-25~FR02-30
BEVELED ROUND CHIP, AVALANCHE OPERATION
MECHANICAL DATA
CASE: TRANSFER MOLDED, DIMENSIONS IN INCHES
AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT:
0.34 GRAMS (DO-41)
CASE: DO-15
0.40 GRAMS (DO-15)
FR02-35~FR02-60
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL FR02-25 FR02-30 FR02-35 FR02-40 FR02-45 FR02-50 FR02-60 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
2500
3000
3500
4000
4500
5000
6000
V
MAXIMUM RMS VOLTAGE
VRMS
1750
2100
2450
2800
3150
3500
4200
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
2500
3000
3500
4000
4500
5000
6000
V
AVERAGE FORWARD RECTIFIED CURRENT
AT L=10mm TA=55°C
IO
0.2
A
NOM-REPETITIVE PEAK FORWARD SURGE CURRENT,
8.3ms HALF SINE-WAVE
IFSM
25
20
A
TYPICAL JUNCTION CAPACITANCE
CJ
6
4
PF
STORAGE TEMPERATURE RANGE
TSTG
-65 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-65 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL FR02-25 FR02-30 FR02-35 FR02-40 FR02-45 FR02-50 FR02-60 UNITS
MAXIMUM FORWARD VOLTAGE AT Io DC
VF
6.0
8.0
12.0
V
MAXIMUM REVERSE CURRENT AT 25
IR
5.0
μA
TYPICAL REVERSE RECOVERY TIME
TRR
500
nS
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
1.0(25.4)
MIN
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - FR02-50

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR02-50 FCI-FR02-50 Datasheet
93Kb / 2P
   HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
RFE international
FR02-50 RFE-FR02-50 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Frontier Electronics.
FR02-50 FRONTIER-FR02-50 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
FR02-50-LFR FRONTIER-FR02-50-LFR Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - FR02-50

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
R2500F SY-R2500F Datasheet
234Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SHM15F SSDI-SHM15F_1 Datasheet
86Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0058D SSDI-RC0058D_15 Datasheet
72Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com