Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR02-60-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FR02-60-LFR
Description  FAST RECOVERY HIGH VOLTAGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FR02-60-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  FR02-60-LFR Datasheet HTML 1Page - Frontier Electronics. FR02-60-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FR02-25-LFR THRU FR02-60-LFR
Page: 2
RATINGS AND CHARACTERISTICS CURVES FR02-25-LFR THRU FR02-60-LFR
1
10
100
FIG. 1-MAXIMUM CURRENT RATING
EFFECT OF COPPER AREA.
RESISTIVE/INDUCTIVE LOAD
FIG. 5-MAXIMUM FORWARD SURGE
VS NUMBER OF CYCLES
30
24
18
12
6
0
NO. OF CYCLES AT 60HZ
100
80
60
40
20
0
0
20
40
60
80 100 120
140 160
TA-AMBIENT TEMPERATURE (
℃)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
A=55mm
A=10mm
A=20mm
0
20
40
60
80
100 120
140 160
10mm
10m
COPPER AREA
5.5 mm
PC
BOARD
FIG. 2-MAXIMUM CURRENT RATING
CAPACITIVE LOAD,
10mm LEAD LENGTHS
CAPACITIVE
LOADS
100
80
60
40
20
0
0
20
40
60
80
100 120
140 160
PK
AV RESISTIVE/INDUCTIVE LOADS
5
10
20
10mm
COPPER AREA
5.5 mm
PC
BOARD
10m
FIG. 6-TYPICAL JUNCTION CAPACITANCE
100
10
1
1
10
100
1000
VR-REVERSE VOLTAGE (V)
VF-FORWARD VOLTAGE (V)
FIG. 7-TYPICAL FORWARD CHARACTERISTICS
1
0.1
0.01
0.001
0
2.0
4.0
6.0
8.0
10
12
14
16
FR02-50-LF~60-LF
FR02-25-LF~40-LF
FR02-45-LF~60-LF
FR02-35-LF~40-LF
FR02-25-LF~30-LF
FR02-25-LF~40-LF
FR02-50-LF~60-LF
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
AT TJ=25
10
1.0
0.1
.01
FIG. 3-MAXIMUM CURRENT RATING
EFFECT OF COPPER AREA.
RESISTIVE/INDUCTIVE LOAD
100
80
60
40
20
0
TA-AMBIENT TEMPERATURE (
℃)
L=20mm
L=10mm
L=5mm
10mm
10mm
COPPER AREA
5.5 mm
PC
BOARD


Similar Part No. - FR02-60-LFR

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FR02-60 FCI-FR02-60 Datasheet
93Kb / 2P
   HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
RFE international
FR02-60 RFE-FR02-60 Datasheet
91Kb / 1P
   LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
logo
Frontier Electronics.
FR02-60 FRONTIER-FR02-60 Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
FR02-60 FRONTIER-FR02-60 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results

Similar Description - FR02-60-LFR

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shanghai Shunye Electro...
R2500F SY-R2500F Datasheet
234Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SHM15F SSDI-SHM15F_1 Datasheet
86Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
RC0058D SSDI-RC0058D_15 Datasheet
72Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com