Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR20-02 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FR20-02
Description  2.0A FAST RECOVERY PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FR20-02 Datasheet(HTML) 1 Page - Frontier Electronics.

  FR20-02 Datasheet HTML 1Page - Frontier Electronics. FR20-02 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR20-005 THRU FR20-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
2.0A FAST RECOVERY PLASTIC RECTIFIER
FR20-005 THRU FR20-10
FEATURES
FAST RECOVERY TIMES
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
DIFFUSED JUNCTION
LOW COST
HIGH SURGE CURRENT CAPABILITY
MECHANICAL DATA
CASE: TRANSFER MOLDED, DO15, DIMENSIONS
IN INCHES AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL FR20-005 FR20-01 FR20-02 FR20-04 FR20-06 FR20-08 FR20-10 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
2.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
70
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
40
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
30
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL FR20-005 FR20-01 FR20-02 FR20-04 FR20-06 FR20-08 FR20-10 UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.3
V
MAXIMUM REVERSE CURRENT AT 25
IR
5
μA
MAXIMUM REVERSE CURRENT AT 100
IR
50
μA
MAXIMUM REVERSE RECOVERY TIME(NOTE 3)
TRR
150
250
500
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 35x35x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - FR20-02

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FR20-02-LFR FRONTIER-FR20-02-LFR Datasheet
125Kb / 2P
   2.0A FAST RECOVERY PLASTIC RECTIFIER
FR20-02G FRONTIER-FR20-02G Datasheet
131Kb / 2P
   2.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR20-02

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FR20-005-LFR FRONTIER-FR20-005-LFR Datasheet
125Kb / 2P
   2.0A FAST RECOVERY PLASTIC RECTIFIER
logo
TAITRON Components Inco...
TF201 TAITRON-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
List of Unclassifed Man...
TF201 ETC2-TF201 Datasheet
127Kb / 4P
   2.0A Fast Recovery Rectifier
logo
Torex Semiconductor
XBF20A20S-G TOREX-XBF20A20S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
logo
Diodes Incorporated
PR2001 DIODES-PR2001 Datasheet
61Kb / 2P
   2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. A1-2
logo
Won-Top Electronics
FR201 WTE-FR201 Datasheet
46Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PR2001 DIODES-PR2001_1 Datasheet
368Kb / 3P
   2.0A FAST RECOVERY RECTIFIER
DS26010 Rev. 4 - 2
logo
Torex Semiconductor
XBF20A40S-G TOREX-XBF20A40S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
XBF20A60S-G TOREX-XBF20A60S-G Datasheet
227Kb / 5P
   2.0A Fast Recovery Rectifier
logo
Won-Top Electronics
SFR201 WTE-SFR201 Datasheet
46Kb / 3P
   2.0A SOFT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com