Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5939 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1SMB5939
Description  3.0W Surface Mount Silicon Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1SMB5939 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1SMB5939 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMB5939 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMB5939 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMB5939 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device
IZM
Device
Marking
IZT
(Note 1)
Code
ZZT @ IZT
IR
VR
IZTC
Nom (V) Min (V) Max (V)
mA
Ohms
Ohms
mA
uA
V
mA(dc)
1SMB5926
926B
11
10.45
11.55
34.1
5.5
550
0.25
1.0
8.4
136
1SMB5927
927B
12
11.4
12.6
31.2
6.5
550
0.25
1.0
9.1
125
1SMB5928
928B
13
12.35
13.65
28.8
7
550
0.25
1.0
9.9
115
1SMB5929
929B
15
14.25
15.75
25.0
9
600
0.25
1.0
11.4
100
1SMB5930
930B
16
15.2
16.8
23.4
10
600
0.25
1.0
12.2
93
1SMB5931
931B
18
17.1
18.9
20.8
12
650
0.25
1.0
13.7
83
1SMB5932
932B
20
19
21
18.7
14
650
0.25
1.0
15.2
75
1SMB5933
933B
22
20.9
23.1
17.0
17.5
650
0.25
1.0
16.7
66
1SMB5934
934B
24
22.8
25.2
15.6
19
700
0.25
1.0
18.2
62
1SMB5935
935B
27
25.65
28.35
13.9
23
700
0.25
1.0
20.6
55
1SMB5936
936B
30
28.5
31.5
12.5
28
750
0.25
1.0
22.8
50
1SMB5937
937B
33
31.35
34.65
11.4
33
800
0.25
1.0
25.1
45
1SMB5938
938B
36
34.2
37.8
10.4
38
850
0.25
1.0
27.4
41
1SMB5939
939B
39
37.05
40.95
9.6
45
900
0.25
1.0
29.7
38
1SMB5940
940B
43
40.85
45.15
8.7
53
950
0.25
1.0
32.7
34
1SMB5941
941B
47
44.65
49.35
8.0
67
1000
0.25
1.0
35.8
31
1SMB5942
942B
51
48.45
53.55
7.3
70
1100
0.25
1.0
38.8
29
1SMB5943
943B
56
53.2
58.8
6.7
86
1300
0.25
1.0
42.6
26
1SMB5944
944B
62
58.9
65.1
6.0
100
1500
0.25
1.0
47.1
24
1SMB5945
945B
68
64.6
71.4
5.5
120
1700
0.25
1.0
51.7
22
1SMB5946
946B
75
71.25
78.75
5.0
140
2000
0.25
1.0
56.0
20
1SMB5947
947B
82
77.9
86.1
4.6
160
2500
0.25
1.0
62.2
18
1SMB5948
948B
91
6.45
95.55
4.1
200
3000
0.25
1.0
69.2
16
1SMB5949
949B
100
95
105
3.7
250
3100
0.25
1.0
76.0
15
1SMB5950
950B
110
1.4.5
11505
3.4
300
4000
0.25
1.0
83.6
13
1SMB5951
951B
120
114
126
3.1
380
4500
0.25
1.0
91.2
12
1SMB5952
952B
130
123.5
136.5
2.9
450
5000
0.25
1.0
98.8
11
1SMB5953
953B
150
142.5
157.5
2.5
600
6000
0.25
1.0
114.0
10
1SMB5954
954B
160
152
168
2.3
700
6500
0.25
1.0
121.6
9
1SMB5955
955B
180
171
189
2.1
900
7000
0.25
1.0
137
8
1SMB5956
956B
200
190
210
1.9
1200
8000
0.25
1.0
152
7
Notes:
1. Tolerance and type number designation the type numbers listed indicate a tolerance of ±5%.
2. Zener voltage (VZ) measurement
Nominal Zener voltage is measured with the device junction in thermal equilibrium
with ambient temperature at 25
oC.
3. Zener impedance (ZZ) derivation: ZZT and ZZK are measured by dividing the ac voltage
drop across the device by the ac current applied. The specified limits are for
IZ(ac) = 0.1 IZ(dc) with the ac frequency = 60 Hz.
Zener Voltage Range (Note 2)
Zener Impedance (Note 3)
Leakage Current
ZZK @ IZK
Vz @ Izt
1SMB5926-1SMB5956
3.0W Surface Mount Silicon Zener Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1SMB5939

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB5939 PANJIT-1SMB5939 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Transys Electronics
1SMB5939 TRSYS-1SMB5939 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMB5939 TSC-1SMB5939 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMB5939 PANJIT-1SMB5939 Datasheet
58Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5939 PANJIT-1SMB5939 Datasheet
59Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMB5939

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1SMB5936B-13 DIODES-1SMB5936B-13 Datasheet
108Kb / 5P
   3.0W SURFACE MOUNT POWER ZENER DIODE
1SMB5931B-13 DIODES-1SMB5931B-13 Datasheet
113Kb / 6P
   3.0W SURFACE MOUNT POWER ZENER DIODE
1SMB5913B DIODES-1SMB5913B_15 Datasheet
490Kb / 6P
   3.0W SURFACE MOUNT POWER ZENER DIODE
logo
Zibo Seno Electronic En...
3EZ3.9D5 ZSELEC-3EZ3.9D5 Datasheet
131Kb / 2P
   3.0W SILICON ZENER DIODE
logo
Microsemi Corporation
HSMBJ5913B MICROSEMI-HSMBJ5913B Datasheet
80Kb / 2P
   SILICON 3.0W ZENER DIOCE
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com