Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMB5942 Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1SMB5942
Description  3.0W Surface Mount Silicon Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1SMB5942 Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1SMB5942 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMB5942 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMB5942 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMB5942 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG.9- CAPACITANCE CURVE
FIG.10- TYPICAL PULSE RATING CURVE
FIG.11- PULSE WAVEFORM
FIG.12- PULSE WAVEFORM
BREAKDOWN VOLTAGE (VOLTS)
Tp, PULSE WIDTH (ms)
t, TIME (ms)
t, TIME (ms)
MEASURED @
ZERO BIAS
MEASURED @
V/2
Z
T = 25 C
J
o
10
100
10
100
1000
0.01
0.01
0.1
1
10
0.1
1
10
NONREPETITIVE, EXPONENTIAL
PULSE WAVEFORM, T = 25 C
J
o
T = 25 C
PW (I ) IS DEFINED AS THE
POINT WHERE THE PEAK CURRENT
DECAYS TO 50% OF I
A
D
o
pp-
10 s
PEAK VALUE
Ippm
HALF VALUE - I /2
pp
10/1000 s WAVEFORM
AS DEFINED BY R.E.A.
td
0
0
12
3
4
5
20
40
60
80
100
120
T= 8 s
0.5 IPEAK
0.9 IPEAK
0.1 IPEAK
T
20 s
8/20 s WAVEFORM
AS DEFINED BY ANSI C62.1
AND IEC 801-5,
0
0
0.02
0.04
0.06
0.08
0.1
20
40
60
80
100
120
RATINGS AND CHARACTERISTIC CURVES (1SMB5926 THRU 1SMB5956)
FIG.8- EFFECT OF ZENER CURRENT
FIG.7- EFFECT OF ZENER VOLTAGE
I,
Z
ZENER TEST CURRENT (mA)
I,
Z
ZENER CURRENT (mA)
0.5
12
5
10
20
50
100
1.0
2.0
5.0
10
20
50
100
200
500
1000
5
10
20
30
50
70
100
2
10
20
50
70
100
200
7
3
5
7
30
200
500
T = 25 C
I (rms)= 0.1 I (dc)
J
ZZ
o
91V
V = 150V
Z
62V
22V
12V
6.8V
I (rms)= 0.1 I (dc)
ZZ
20mA
10mA
I (dc) =
Z
1mA
1SMB5926-1SMB5956
3.0W Surface Mount Silicon Zener Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1SMB5942

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB5942 PANJIT-1SMB5942 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Transys Electronics
1SMB5942 TRSYS-1SMB5942 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMB5942 TSC-1SMB5942 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMB5942 PANJIT-1SMB5942 Datasheet
58Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5942 PANJIT-1SMB5942 Datasheet
59Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMB5942

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1SMB5936B-13 DIODES-1SMB5936B-13 Datasheet
108Kb / 5P
   3.0W SURFACE MOUNT POWER ZENER DIODE
1SMB5931B-13 DIODES-1SMB5931B-13 Datasheet
113Kb / 6P
   3.0W SURFACE MOUNT POWER ZENER DIODE
1SMB5913B DIODES-1SMB5913B_15 Datasheet
490Kb / 6P
   3.0W SURFACE MOUNT POWER ZENER DIODE
logo
Zibo Seno Electronic En...
3EZ3.9D5 ZSELEC-3EZ3.9D5 Datasheet
131Kb / 2P
   3.0W SILICON ZENER DIODE
logo
Microsemi Corporation
HSMBJ5913B MICROSEMI-HSMBJ5913B Datasheet
80Kb / 2P
   SILICON 3.0W ZENER DIOCE
logo
Transys Electronics
1SMA4741 TRSYS-1SMA4741 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
1SMC5348 TRSYS-1SMC5348 Datasheet
275Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Central Semiconductor C...
CMOZ2V4 CENTRAL-CMOZ2V4_15 Datasheet
498Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
CMSZ5221B CENTRAL-CMSZ5221B_15 Datasheet
490Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com