Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.0SMDG22C Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 3.0SMDG22C
Description  Surface Mount Transient Voltage Suppessor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

3.0SMDG22C Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  3.0SMDG22C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMDG22C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMDG22C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMDG22C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Stand-off Voltage : 11 to 220V
Peak Pulse Power : 3000 W
3000W peak pulse power capability with
a 10/1000µs waveform
Excellent clamping capability
Low inductance
High temperature soldering : 250 °C/10
seconds at terminals.
Built-in stran relief
Case : DO-215AB Molded plastic
Lead : Lead Formed for Surface Mount
Mounting position : Any
Weight : 0.21 gram
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000 µs waveform
(1) (2)
PPPM
3000
W
Peak Pulse Current on 10/1000 s waveform
(1)
IPPM
See Next Table
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load
(2)(3)
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°
C
Notes :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25 °C per Fig. 1
(2) Mounted on 5.0 mm2 (0.013 thick) land areas.
(3) Measured on 8.3 ms , single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
IFSM
200
A
3.0SMDG Series
Surface Mount Transient Voltage Suppessor
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Dimensions in inches and (millimeters)
DO-215AB
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn
0.280 (7.11)
0.260 (6.60)
0.016 (0.41)
0.006 (0.15)
0.020
(0.51) Max.
0.058 (1.47)
0.038 (0.97)
0.040 (1.02)
0.024 (0.61)
0.245 (6.22)
0.220 (5.59)
0.125 (3.17)
0.115 (2.92)
0.400 (10.16)
0.380 (9.64)
Cathode Band


Similar Part No. - 3.0SMDG22C

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
3.0SMC LITTELFUSE-3.0SMC Datasheet
899Kb / 5P
   The 3.0SMC series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
SUNMATE electronic Co.,...
3.0SMC10 SUNMATE-3.0SMC10 Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Zibo Seno Electronic En...
3.0SMC10 ZSELEC-3.0SMC10 Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
3.0SMC10 LEIDITECH-3.0SMC10 Datasheet
396Kb / 3P
   Surface Mount TYS
More results

Similar Description - 3.0SMDG22C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com