Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B140B Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # B140B
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

B140B Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  B140B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd B140B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
50
60
70 80
90 100 110 120 130 140 150 160 170
1.0
0.5
P.C.B.MOUNTED ON
0.2X0.2(5.0X5.0mm)
COPPERPAD AREAS
Resistive or
inductive Load
0
20
50
10
40
30
110
100
TL=100 C
8.3ms Single Half Sine-Wave
(JEDEC Method)
O
TJ=25 C
O
Puise Width=300
S
1%DUTY CYCLE
TJ=125 C
O
TJ=100 C
O
B120-B140
B150-B160
0
0.01
0.1
1
10
0.20.4
0.60.8
1.01.2
1.4
50
1.6
B120B-B140B
B150B-B160B
100
0.001
0.01
0.1
1
10
20
0
406080
100
TJ=125 C
TJ=75 C
TJ=25 C
0
0
0
10
1
10
100
400
100
0.1
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
B120B-B140B
B150B-B160B
0
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,
REVERSE VOLTAGE,VOLTS
FIG.5--TYPICAL JUNCTION CAPACITANCE
LEAD TEMPERATURE
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
B120B-B160B
Schottky Barrier Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - B140B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B140B DIODES-B140B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
logo
Weitron Technology
B140B WEITRON-B140B Datasheet
216Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B140B CTC-B140B Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B140B WEITRON-B140B Datasheet
216Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
B140B DSK-B140B Datasheet
94Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B140B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com