Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SMA5950 Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1SMA5950
Description  1.Watts Surface Mount Silicon Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1SMA5950 Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1SMA5950 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5950 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5950 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5950 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG.5- CAPACITANCE CURVE
FIG.6- TYPICAL PULSE RATING CURVE
FIG.7- PULSE WAVEFORM
FIG.8- PULSE WAVEFORM
BREAKDOWN VOLTAGE (VOLTS)
Tp, PULSE WIDTH (ms)
t, TIME (ms)
t, TIME (ms)
MEASURED @
ZERO BIAS
MEASURED @
V/2
Z
T = 25 C
J
o
10
100
10
100
1000
0.01
0.01
0.1
1
10
0.1
1
10
NONREPETITIVE, EXPONENTIAL
PULSE WAVEFORM, T = 25 C
J
o
T = 25 C
PW (I ) IS DEFINED AS THE
POINT WHERE THE PEAK CURRENT
DECAYS TO 50% OF I
A
D
o
pp-
10 s
PEAK VALUE
Ippm
HALF VALUE - I /2
pp
10/1000 s WAVEFORM
AS DEFINED BY R.E.A.
td
0
0
12
3
4
5
20
40
60
80
100
120
T= 8 s
0.5 IPEAK
0.9 IPEAK
0.1 IPEAK
T
20 s
8/20 s WAVEFORM
AS DEFINED BY ANSI C62.1
AND IEC 801-5,
0
0
0.02
0.04
0.06
0.08
0.1
20
40
60
80
100
120
RATINGS AND CHARACTERISTIC CURVES (1SMA5926 THRU 1SMA5956)
1SMA5926-1SMA5956
1.Watts Surface Mount Silicon Zener Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1SMA5950

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA5950 TSC-1SMA5950 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
1SMA5950 TSC-1SMA5950 Datasheet
209Kb / 6P
   Surface Mount Silicon Zener Diodes
logo
EIC discrete Semiconduc...
1SMA5950A EIC-1SMA5950A Datasheet
84Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
1SMA5950A EIC-1SMA5950A Datasheet
97Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
1SMA5950A LUGUANG-1SMA5950A Datasheet
358Kb / 2P
   Silicon Zener Diodes
More results

Similar Description - 1SMA5950

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737 Datasheet
511Kb / 4P
   1.25 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
   1 Watts Surface Mount Zener Diodes
SMAZ5V1 SUNMATE-SMAZ5V1 Datasheet
125Kb / 2P
   1 Watts Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com