Electronic Components Datasheet Search |
|
PC12864B-FCMWD Datasheet(PDF) 4 Page - P-tec Corporation |
|
PC12864B-FCMWD Datasheet(HTML) 4 Page - P-tec Corporation |
4 / 13 page PAGE 4 OF 13 2. Precautions in use of LCD Modules (1)Avoid applying excessive shocks to the module or making any alterations or modifications to it. (2)Don’t make extra holes on the printed circuit board, modify its shape or change the components of LCD module. (3)Don’t disassemble the LCM. (4)Don’t operate it above the absolute maximum rating. (5)Don’t drop, bend or twist LCM. (6)Soldering: only to the I/O terminals. (7)Storage: please storage in anti-static electricity container and clean environment. 3. General Specification Item Dimension Unit Number of Dots 240 x 64 - Module dimension(None Backlight ) 180.0 x 65.0 x 11.0(MAX) mm Module dimension(With Backlight ) 180.0 x 65.0 x 16.0(MAX) mm View area 132.2 x 39.2 mm Active area 127.16 x 33.88 mm Dot size 0.49 x 0.49 mm Dot pitch 0.53x 0.53 mm LCD type STN Duty 1/64 View direction 6 o’clock or 12 o’clock Backlight Type None, YELLOW-GREEN backlight, WHITE backlight |
Similar Part No. - PC12864B-FCMWD |
|
Similar Description - PC12864B-FCMWD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |