Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBP204G Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GBP204G
Description  2A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GBP204G Datasheet(HTML) 2 Page - Frontier Electronics.

  GBP204G Datasheet HTML 1Page - Frontier Electronics. GBP204G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GBP2005G THRU GBP210G
Page: 2
FIG. 1 - FORWARD CURRENT DERATING CURVE FOR
0
20
40
60
80
100
120
140
TEMPERATURE (
℃)
2.0
1.0
0
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT
CASE
1
2
5
10
20
50
100
RATINGS AND CHARACTERISTIC CURVES GBP2005G THRU GBP210G
NUMBER OF CYCLES AT 60HZ
40
0
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
0.1
1.0
4.0
10
100
100
10
1.0
TJ=25
℃,f = 1MHz
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0 1.2
1.4
1.6
1.8
10
1.0
0.1
0
TJ=25
PULSE WIDTH
:300us
PERCENT OF RATED PEAK REVERSE VOLTAGE,
(%)
0
20
40
60
80
100
120
140
1000
100
10
1.0
0.1
0.01
FIG. 5 - TYPICAL REVERSE
CHARACTERISTICS
T =125
TJ=100
TJ=25
TJ=150


Similar Part No. - GBP204G

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBP204G DACHANG-GBP204G Datasheet
278Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
Dongguan City Niuhang E...
GBP204G NIUHANG-GBP204G Datasheet
366Kb / 3P
   BRIDGE RECTIFIERS
More results

Similar Description - GBP204G

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
2W005G TAITRON-2W005G Datasheet
204Kb / 5P
   2A Glass Passivated Bridge Rectifier
logo
Frontier Electronics.
GBP2005 FRONTIER-GBP2005 Datasheet
177Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
KBP2005G FRONTIER-KBP2005G Datasheet
144Kb / 2P
   2A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
ABS20M TSC-ABS20M Datasheet
212Kb / 4P
   2A, 1000V Glass Passivated Bridge Rectifier
ABS20M-T TSC-ABS20M-T Datasheet
211Kb / 4P
   2A, 1000V Glass Passivated Bridge Rectifier
logo
Shenzhen Luguang Electr...
2KBP005G LUGUANG-2KBP005G Datasheet
206Kb / 1P
   2A Glass Passivated Silicon Bridge Rectifier
logo
Diodes Incorporated
HDS20M DIODES-HDS20M Datasheet
492Kb / 5P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
First Silicon Co., Ltd
YBS2001 FS-YBS2001 Datasheet
614Kb / 3P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
FTB1S-20 FS-FTB1S-20 Datasheet
510Kb / 3P
   2A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
AiT Semiconductor Inc.
ABS201 AITSEMI-ABS201 Datasheet
517Kb / 5P
   BRIDGE RECTIFIER 2A SURFACE MOUNT GLASS PASSIVATED
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com