Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A101P3CWAB0Q Datasheet(PDF) 8 Page - Tyco Electronics

Part # A101P3CWAB0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A101P3CWAB0Q Datasheet(HTML) 8 Page - Tyco Electronics

Back Button A101P3CWAB0Q Datasheet HTML 4Page - Tyco Electronics A101P3CWAB0Q Datasheet HTML 5Page - Tyco Electronics A101P3CWAB0Q Datasheet HTML 6Page - Tyco Electronics A101P3CWAB0Q Datasheet HTML 7Page - Tyco Electronics A101P3CWAB0Q Datasheet HTML 8Page - Tyco Electronics A101P3CWAB0Q Datasheet HTML 9Page - Tyco Electronics A101P3CWAB0Q Datasheet HTML 10Page - Tyco Electronics A101P3CWAB0Q Datasheet HTML 11Page - Tyco Electronics A101P3CWAB0Q Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
C29
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Wire Wrap or Wire Lug, Long Bat Actuators
Tyco
Alcoswitch
Type
Act. Code P.M5
Electronics
Silver Contacts
4-1437554-8
A101SYWQ
SPDT
1
On None On
7-1437554-5
A103SYWQ
SPDT
5
On Off On
4-1437555-7
A201SYWQ
DPDT
2
On None On
A203SYWQ
DPDT
6
On Off On
Tyco
Alcoswitch
Type
Act. Code P.M5
Electronics
Silver Contacts
4-1437554-0
A101SDZQ
SPDT
1
On None On
6-1437554-9
A103SDZQ
SPDT
5
On Off On
4-1437555-1
A201SDZQ
DPDT
2
On None On
5-1437555-9
A203SDZQ
DPDT
6
On Off On
SPDT/DPDT
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS
A101SYWQ
A201SYWQ
A201SDZQ
SPDT/DPDT
A101SDZQ
.500
(12.70)
.265
(6.70)
.080
(2.05)
TYP.
KEYWAY
1.12
(28.44)
REF.
.350
(8.90)
.358
(9.09)
.410
(10.41)
25
°
.118
(3.00)
DIA.
1/4-40 NS
EPOXY
SEAL
.030
(0.76)
TYP.
.185
(4.70)
TYP.
.750
(19.05)
1.12
(28.44)
REF.
.350
(8.90)
.358
(9.09)
.410
(10.41)
25
°
.118
(3.00)
DIA.
1/4-40 NS
EPOXY
SEAL
.030
(0.76)
TYP.
.185
(4.70)
TYP.
.750
(19.05)
.500
(12.70)
.453
(11.50)
KEYWAY
.080
(2.03)
TYP.
.040
(1.02)
.190
(4.83)
.265
(6.70)
.500
(12.70)
KEYWAY
.480
(12.19)
.280
(7.10)
.358
(9.09)
1.271
(32.29)
REF.
.118
(3.00)
DIA.
1/4-40 NS
.030
(0.80)
TYP.
.080
(2.03)
TYP.
.185
(4.70)
TYP.
.155
(3.94)
TYP.
EPOXY
SEAL
25
.500
(12.70)
.453
(11.50)
KEYWAY
.480
(12.19)
.280
(7.10)
.358
(9.09)
1.271
(32.29)
REF.
.118
(3.00)
DIA.
1/4-40 NS
.030
(0.76)
TYP.
.185
(4.70)
TYP.
.155
(3.94)
TYP.
EPOXY
SEAL
25
.080
(2.03)
TYP.
.040
(1.00)
.190
(4.80)
* Refer to Pages C22-C26 for
Additional Options *


Similar Part No. - A101P3CWAB0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A101 MACOM-A101 Datasheet
89Kb / 1P
   5 TO 100 MHZ TO-8 CASCADABLE AMPLIFIER
A101 MACOM-A101 Datasheet
408Kb / 2P
   Cascadable Amplifier 5 to 100 MHz
logo
M/A-COM Technology Solu...
A101 MA-COM-A101 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 100 MHz
A101-SMA101 MA-COM-A101-SMA101 Datasheet
1Mb / 2P
   Cascadable Amplifier
logo
Actel Corporation
A1010 ACTEL-A1010 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A101P3CWAB0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com