Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1587AT Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX1587AT
Description  3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1587AT Datasheet(HTML) 4 Page - Sipex Corporation

  SPX1587AT Datasheet HTML 1Page - Sipex Corporation SPX1587AT Datasheet HTML 2Page - Sipex Corporation SPX1587AT Datasheet HTML 3Page - Sipex Corporation SPX1587AT Datasheet HTML 4Page - Sipex Corporation SPX1587AT Datasheet HTML 5Page - Sipex Corporation SPX1587AT Datasheet HTML 6Page - Sipex Corporation SPX1587AT Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rev. 10/30/00
SPX1587
Basic Adjustable Regulator
Output Voltage
Consider Figure 2. The resistance R1 generates a constant
current flow, normally the specified load current of 10mA.
This current will go through the resistance R2 to set the overall
output voltage. The current IADJ is very small and constant.
Therefore its contribution to the overall output voltage is very
small and can generally be ignored.
Load Regulation
Parasitic line resistance can degrade load regulation. In order
not to affect the behavior of the regulator, it is best to connect
directly the R1 resistance from the resistor divider to the case,
and not to the load. For the same reason, it is best to connect
the resistor R2 to the Negative side of the load.
Output Voltage
The fixed voltage LDO voltage regulators are simple to use
regulators since the VOUT is preset to the specifications. It is
important however, to provide the proper output capacitance
for stability and improvement. For most operating conditions
a capacitance of 22uF tantalum or 100uF electrolytic will
ensure stability and prevent oscillation.
SPX1587
Fig.2 Basic Adjustable Regulator
VOUT
V
IN
V
REF
R1
R2
V
OUT = VREF * ( 1 + R2/R1) + IADJ * R2
I
ADJ
50µA
SPX1587
Fig.3 Basic Adjustable Regulator
V
IN
R
2
R
1
Connect R
2 to Load
R
L
Connect R
1 to
Case of Regulator
R
P Parasitic Line
Resistance
SPX1587
Basic Fixed Regulator
V
IN
V
OUT
5V
C1
10uF
C2
10uF
3.3V


Similar Part No. - SPX1587AT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1587AT SIPEX-SPX1587AT Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587AT SIPEX-SPX1587AT Datasheet
1Mb / 11P
   3A Low Dropout Voltage Regulator
SPX1587AT-1-5 SIPEX-SPX1587AT-1-5 Datasheet
1Mb / 11P
   3A Low Dropout Voltage Regulator
SPX1587AT-1-5/TR SIPEX-SPX1587AT-1-5/TR Datasheet
1Mb / 11P
   3A Low Dropout Voltage Regulator
SPX1587AT-1-8 SIPEX-SPX1587AT-1-8 Datasheet
1Mb / 11P
   3A Low Dropout Voltage Regulator
More results

Similar Description - SPX1587AT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2730 SIPEX-SPX2730 Datasheet
171Kb / 9P
   3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com