Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP02-40-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # GP02-40-LFR
Description  HIGH VOLTAGE SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GP02-40-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  GP02-40-LFR Datasheet HTML 1Page - Frontier Electronics. GP02-40-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GP02-25-LFR THRU GP02-60-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
HIGH VOLTAGE SILICON RECTIFIER
GP02-25-LFR THRU GP02-60-LFR
FEATURES
AVALANCHE OPERATION
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
BEVELED ROUND CHIP
CASE: DO41
LOW COST
GP02-25-LFR~GP02-30-LFR
ROHS
MECHANICAL DATA
CASE: TRANSFER MOLDED, DIMENSIONS
IN INCHES AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT:
0.34 GRAMS (DO-41)
CASE: DO15
0.40 GRAMS (DO-15)
GP02-35-LFR~GP02-60-LFR
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
GP02-25
-LFR
GP02-30
-LFR
GP02-35
-LFR
GP02-40
-LFR
GP02-50
-LFR
GP02-60
-LFR
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
2500
3000
3500
4000
5000
6000
V
MAXIMUM RMS VOLTAGE
VRMS
1750
2100
2450
2800
3500
4200
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
2500
3000
3500
4000
5000
6000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
0.2
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
25
20
A
TYPICAL JUNCTION CAPACITANCE MEASURED AT 1MHZ
AND APPLIED REVERSE VOLTAGE AT 4.0 VOLTS
CJ
7
5
PF
TYPICAL THERMAL RESISTANCE (NOTE 1)
Rθja
50
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
GP02-25
-LFR
GP02-30
-LFR
GP02-35
-LFR
GP02-40
-LFR
GP02-50
-LFR
GP02-60
-LFR
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
3.0
5.0
7.0
V
MAXIMUM REVERSE CURRENT AT 25
IR
5
μA
MAXIMUM REVERSE CURRENT AT 100
IR
50
μA
NOTE: 1. BOTH LEADS ATTACHED TO HEAT SINK 20
×20×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
1.0(25.4)
MIN
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - GP02-40-LFR

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GP02-40-E3 VISHAY-GP02-40-E3 Datasheet
77Kb / 4P
   High Voltage Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results

Similar Description - GP02-40-LFR

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1200 ZOWIE-R1200 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO-41 YFWDIODE-R1200-DO-41 Datasheet
330Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
MIC GROUP RECTIFIERS
R1200 MIC-R1200 Datasheet
172Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
SHV03 CHONGQING-SHV03 Datasheet
37Kb / 1P
   HIGH VOLTAGE SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
TV6 NJSEMI-TV6 Datasheet
48Kb / 2P
   High Voltage Silicon Rectifier
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200 Datasheet
102Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Edal Industries, Inc.
B656 EDAL-B656 Datasheet
47Kb / 1P
   SILICON HIGH VOLTAGE RECTIFIER
logo
Diotech Company.
R1200 DIOTECH-R1200 Datasheet
833Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO41 YFWDIODE-R1200-DO41 Datasheet
302Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R2500 DIOTECH-R2500 Datasheet
704Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com