Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP15-06R Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GP15-06R
Description  1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GP15-06R Datasheet(HTML) 2 Page - Frontier Electronics.

  GP15-06R Datasheet HTML 1Page - Frontier Electronics. GP15-06R Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GP15-005R THRU GP15-10R
Page: 2
RATINGS AND CHARACTERISTIC CURVE GP15-005R THRU GP15-10R
FIG. 2-PEAK FORWARD SURGE CURRENT
65
50
30
10
1
1
10
100
NUMBER OF CYCLES AT 60Hz
1
10
100
REVERSE VOLTAGE, VOLTS
FIG. 4-TYPICAL JUNCTION CAPACITANCE
100
10
1
FIG. 3-TYPICAL FORWARD CHARACTERISTICS
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
TJ=25
oC
0
20
40
60
80
100
120
140
TJ=25
oC
TJ=75
oC
TJ=125
oC
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
10
1
0.1
0.01
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
3.0
2.0
1.5
1.0
0
FIG. 1 - FORWARD CURRENT DERATING CURVE
Single Phase Half
Wave 60 Hz
Resistive or Inductive Load
Inductive load
.375(9.5mm) Lead Length
25
50
75
100
125
150
175
AMBIENT TEMPERTURE,


Similar Part No. - GP15-06R

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GP15-06G FRONTIER-GP15-06G Datasheet
120Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results

Similar Description - GP15-06R

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GP15-005G FRONTIER-GP15-005G Datasheet
120Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC SILICON RECTIFIER
1N5391 FRONTIER-1N5391 Datasheet
121Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC RECTIFIER
1N5391-LFR FRONTIER-1N5391-LFR Datasheet
121Kb / 2P
   1.5A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Gulf Semiconductor
1N5399-E GULFSEMI-1N5399-E Datasheet
73Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.5A
logo
Continental Device Indi...
RL201 CDIL-RL201 Datasheet
245Kb / 3P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
BY133 CDIL-BY133 Datasheet
80Kb / 5P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1N4001 KOOCHIN-1N4001 Datasheet
271Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
8A05 KOOCHIN-8A05 Datasheet
242Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
RL101 KOOCHIN-RL101 Datasheet
270Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
1N5391 SEMTECH_ELEC-1N5391 Datasheet
236Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com