Electronic Components Datasheet Search |
|
A115SDAB0Q Datasheet(PDF) 1 Page - Tyco Electronics |
|
A115SDAB0Q Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 13 page C22 C Catalog 1308390 Dimensions are in inches Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Issued 9-04 and millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in parentheses Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com or brackets are metric equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Gemini Series Toggle Switches, A Series, Part Number Matrix DESIGN "A" SERIES DESIGN FEATURES • Toggle – Machined brass, heavy nickel plated. • Bushing & Frame – Rigid one-piece die cast, copper flashed, heavy nickel plated. • Fixed Contact – Welded construction. • Terminal Seal – Epoxy sealing of terminals is standard. MATERIAL SPECIFICATIONS: Contacts ..................................Gold/gold flash Silver/tin lead Case Material ..........................Thermoset Terminal Seal ..........................Epoxy TYPICAL PERFORMANCE CHARACTERISTICS: Contact Rating ........................Silver: 2 A @ 250 VAC or 5 A @ 125 VAC Silver: 2 A @ 30 VDC Gold: 0.4 VA @ 20 VAC/DC max. Insulation Resistance ..............1,000 Megohms min. @ 500 VDC. Dielectric Strength ..................1,000 Volts RMS @ sea level initial Electrical Life ..........................Up to 30,000 Cycles ENVIRONMENTAL SPECIFICATIONS Operating Temperature............-4°F to + 185°F (-20°C to + 85°C) Storage Temperature................-49°F to + 212°F (-45°C to + 100°C) Note: Hardware included with switch .240 (6.10) Keyway 25 .250 (6.35) Dia. .033 (.838) .022 (.559) 25 ° .250 (6.35) Dia. .234 (5.94) .250 (6.35) Dia. .094 (2.39) Keyway .500 (12.70) .270 (6.86) .500 (12.70) .450 (6.10) .030 (.762) TYP. .185 (4.70) Typ. .358 (9.09) .030 (.762) TYP. .185 (4.70) Typ. .358 (9.09) .060 (1.52) .080 (.2.03) Typ. 3 2 1 .080 (.2.03) Typ. 3 2 1 6 5 4 .190 (4.83) .040 (1.02) With Standard Locking Ring Without Locking Ring Without Locking Ring Wire Lug Right Angle Vertical Right Angle Printed Circuit Vertical Wire Wrap Support Quick Connect S Bat. Long K Locking K1 Locking M Bat. Short P3 Flatted (with Y only) P4 Flatted (with Y only) T Large Toggle & Bushing (15/32) T1 Large Toggle & Bushing (15/32) T2P Large Flatted Toggle and Bushing (15/32) A1 Single Pole A2 Double Pole 01 On-On 03 On-Off-On 05 (On)-Off-(On) 07 On-Off-(On) 08 On-(On) 11 On-On-On 13 On-On-(On) 15 (On)-On-(On) See page C23 for SP3T wiring diagram. PART NUMBERING Model Function Toggle Bushing Terminal Contact K, K1: Cap Color Option Y 1/4-40 threaded, .35” long, slotted unthreaded, .35” long 1/4-40 threaded, .37” long, actuator & bushing flange environmental seals S & M Toggles only 1/4-40 threaded, .28” long, slotted Unthreaded, .28” long 1/4-40 threaded, flanged, .30” long Y9 CW D D9 H (Nickel Standard) B Silver Gold Gold over Silver G Q Z A V30 V40 V90 W Z3 AV2 C 0 Black 2 Red U.L.(Q or G contact only) Other Options Black finish toggle, bushing and hardware. Add “N” to end of part number, but before U.L. option. Internal O-ring environmental actuator seal. Add letter after toggle option: S & M. Anti-Push-In/Anti rotate. Add letter after toggle S & M. O P N Note: For surface mount termination, use the “TST” series, Page C7 |
Similar Part No. - A115SDAB0Q |
|
Similar Description - A115SDAB0Q |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |