Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP30-06R-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GP30-06R-LFR
Description  3A GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GP30-06R-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  GP30-06R-LFR Datasheet HTML 1Page - Frontier Electronics. GP30-06R-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GP30-005R-LFR THRU GP30-10R-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVE GP30-005R-LFR THRU GP30-10R-LFR
TA-AMBIENT TEMPERATURE (
OC)
Fig. 1-MAXIMUM CURRENT RATING
EFFECT OF COPPER AREA.
RESISTIVE/INDUCTIVE LOAD.
0
20
40
60
80
100 120 140 160 180 200
5cm
With 63.5mmx 1.0
CU
NO HEAT SINK
3.0
2.0
1.0
With 20mm
×1.0 CU
L
0
20
40
60
80
100 120 140 160 180 200
TA-AMBIENT TEMPERATURE (
OC)
L=20mm
Fig. 3-MAXIMUM CURRENT RATING
EFFECT OF COPPER AREA.
RESISTIVE/INDUCTIVE LOAD.
L=10mm
L=5mm
3.0
2.4
1.8
1.2
0.6
100
30
10
3
1
0.3
0.1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VF-FORWARD VOLTAGE (V)
Fig. 5-TYPICAL FORWARD CHARACTERISTICS
Fig. 2-MAXIMUM FORWARD SURGE
NUMBER OF CYCLES
200
100
50
10
1
10
100
NO OF CYCLES AT 60 HZ
Fig. 4-TYPICAL JUNCTION CAPACITANCE
100
50
10
1
1
5
10
50
100
VR-REVERSE VOLTAGE (V)
Fig. 6-FORWARD
PULSE CURRENT, PULSE
10,000
1,000
100
10
.1uS
1uS
10uS
100uS
1mS
10mS
PULSE DURATION (SECONDS)


Similar Part No. - GP30-06R-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GP30-06 FRONTIER-GP30-06 Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
GP30-06G FRONTIER-GP30-06G Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - GP30-06R-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N5400-LFR FRONTIER-1N5400-LFR Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
1N5400 FRONTIER-1N5400 Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
GP30-005 FRONTIER-GP30-005 Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
GP30-005G FRONTIER-GP30-005G Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com