Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B5J1K1E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # B5J1K1E
Description  Brown Devil Vitreous Enamel Power
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

B5J1K1E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  B5J1K1E Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co.
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
31
St andard p ar t number S for 200 S erie S
200 Series
Brown Devil® Vitreous Enamel Power
Ohmite’s Brown Devil® is a
small, exceptionally durable
power resistor. It features
all-welded construction and
rugged, flame resistant confor-
mal lead free vitreous enamel
coating to ensure successful
performance under high tem-
peratures.
The wirewound 200 Series
has a hollow-core construc-
tion, which accommodates
rigid mounting with brackets or
thru bolts.
Mounting brackets not
included with resistors.
F E a tur E s
• Rugged lead free vitreous enam-
el coating
• All-welded construction.
• Self supporting terminal mount-
ing option.
• Higher power ratings.
• Flame-resistant lead free vitre-
ous enamel coating.
• RoHS compliant product avail-
able. Add “E” suffix to part num-
ber to specify.
L
D
1.50 in. -0/+0.25
38.10 mm -0/+6.35
C
= Standard values; check
availability using the world-
wide inventory search at
www.ohmite.com
These values involve very fine
resistance wire and should not
be used in critical applications
without burn-in and/or thermal
cycling:
B5: 6.8K-20K
Ω
B8: 12.5K-25K
Ω
B12: 30K-51K
Ω
B20: 22.5K-100K
Ω
0.5 –––R50E
 
1
–––1R0E    
1.1 –––1R1E
1.2 –––1R2E
1.3 –––1R3E
1.5 –––1R5E   
1.6 –––1R6E 
1.8 –––1R8E 
2
–––2R0E    
2.2 –––2R2E
2.4 –––2R4E 
2.7 –––2R7E 
3
–––3R0E    
3.3 –––3R3E 
3.6 –––3R6E 
3.9 –––3R9E 
4
–––4R0E
  
4.3 –––4R3E 
4.7 –––4R7E 
5
–––5R0E
  
5.1 –––5R1E 
5.6 –––5R6E 
6.2 –––6R2E 
6.8 –––6R8E 
7.5 –––7R5E   
8.2 –––8R2E 
9.1 –––9R1E 
10
–––10RE    
11
–––11RE
12
–––12RE   
13
–––13RE
15
–––15RE   
16
–––16RE
18
–––18RE
20 –––20RE   
22 –––22RE 
24 –––24RE 
25 –––25RE
  
27 –––27RE 
30 –––30RE   
33 –––33RE 
35 –––35RE
 
36 –––36RE
39 –––39RE 
40 –––40RE
  
43 –––43RE 
47 –––47RE 
50 –––50RE
  
51 –––51RE 
56 –––56RE 
62 –––62RE 
68 –––68RE 
75 –––75RE    
82 –––82RE 
91 –––91RE 
100 –––100E    
110 –––110E
120 –––120E 
125 –––125E
  
130 –––130E
150 –––150E  
160 –––160E 
180 –––180E 
200 –––200E    
220 –––220E 
225 –––225E
240 –––240E 
250 –––250E
  
2,250 –––2K25E
 
2,400 –––2K4E
2,500 –––2K5E
  
2,700 –––2K7E 
2,750 –––2K75E
3,000 –––3K0E    
3,300 –––3K3E 
3,500 –––3K5E
  
3,600 –––3K6E
3,900 –––3K9E 
4,000 –––4K0E
  
4,300 –––4K3E
4,500 –––4K5E   
4,700 –––4K7E 
5,000 –––5K0E
  
5,100 –––5K1E 
5,600 –––5K6E 
6,000 –––6K0E
  
6,200 –––6K2E 
6,800 –––6K8E 
7,000 –––7K0E
  
7,500 –––7K5E    
8,000 –––8K0E
  
8,200 –––8K2E 
8,500 –––8K5E
9,000 –––9K0E
9,100 –––9K1E
10,000 –––10KE    
11,000 –––11KE
12,000 –––12KE 
12,500 –––12K5E
  
13,000 –––13KE 
13,500 –––13K5E
15,000 –––15KE    
16,000 –––16KE
17,500 –––17K5E
 
18,000 –––18KE
20,000 –––20KE    
22,500 –––22K5E
25,000 –––25KE
  
30,000 –––30KE
 
35,000 –––35KE
 
40,000 –––40KE
 
45,000 –––45KE
50,000 –––50KE
 
55,000 –––55KE
60,000 –––60KE
65,000 –––65KE
70,000 –––70KE
75,000 –––75KE
80,000 –––80KE
85,000 –––85KE
90,000 –––90KE
95,000 –––95KE
100,000 –––100KE
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
270 –––270E 
300 –––300E
  
330 –––330E 
350 –––350E
  
360 –––360E
390 –––390E 
400 –––400E
  
430 –––430E
450 –––450E
 
470 –––470E 
500 –––500E
  
510 –––510E 
560 –––560E 
600 –––600E
 
620 –––620E 
650 –––650E
680 –––680E 
700 –––700E
 
750 –––750E    
800 –––800E
  
820 –––820E 
900 –––900E
 
910 –––910E
1,000 –––1K0E    
1,100 –––1K1E  
1,200 –––1K2E 
 
1,250 –––1K25E
  
1,300 –––1K3E 
1,500 –––1K5E    
1,600 –––1K6E
1,750 –––1K75E
  
1,800 –––1K8E
2,000 –––2K0E    
2,200 –––2K2E 
Wattage
Part No.
Prefix 
Suffix
Wattage
Part No.
Prefix 
Suffix
See page 36
for mounting hardware
Dimensions (in. / mm)
Lead Max.
series Wattage Ohms
L
D
C
Gauge Volt.*
B5
5.25 0.1-20K
0.625 / 15.88 0.250 / 6.35 0.135 / 3.43 20
187
B8
8.0
0.03-25K 1.000 / 25.40 0.313 / 7.94 0.188 / 4.76 18
250
B12
12.0 0.08-51K 1.750 / 44.45 0.313 / 7.94 0.188 / 4.76 18
625
B20
20.0 0.1-100K 2.000 / 50.80 0.438 / 11.11 0.250 / 6.35 18
750
sPEC i F i C a ti ON s
Material
Coating: lead free vitreous
enamel.
Core: Ceramic.
Terminals: Tinned axial; RoHS
solder composition is 96% Sn,
3.5% Ag, 0.5% Cu
Derating: Linearly from
100% @ +25°C to 0% @
+350°C.
Electrical
Tolerance: 1
Ω+: ±5%
under 1
Ω: ±10%
Power rating: Based on
25°C free air rating.
Overload: 10 times rated
wattage for 5 seconds.
Temperature coefficient:
5
Ω and under: ±400 ppm/°C
Above 5
Ω: ±260 ppm/°C
To calculate max. amps: use
the formula
√P/R.
ordering inf o
m ade-to-order p ar t S
� � � � � � �
Tolerance
F = 1%
H = 3%
J = 5%
K = 10%
Ohms
1R0 = 1
250 = 250
1K0 = 1,000
25K = 25,000
25K5 = 25,500
RoHS
Compliant
Series
Wattage
Non-Inductive
Winding
Optional (blank
= std. winding)
Coating
Blank = Vitreous
C = Centohm
S = Silicone
2 0 0 N 8 D 5 R 0 0 0 J E
Tolerance
F = 1%
H = 3%
J = 5%
K = 10%
Core Diameter
See “Core and
Terminal Selection”
Ohms
R500 = 0.500
1R00 = 1
250R = 250
1K00 = 1,000
25K0 = 25,000
25K5 = 25,500
RoHS
Compliant
Coating
200 = Vitreous
400 = Silicone
Ceramic
Wattage
3
5.25
8
12
20
Non-Inductive Winding
Optional (blank
= std. winding)
See web-
site for
custom
core info
Non-Inductive versions available. Insert “N” before tolerance code. Example - B5NJ10RE
Also available in low cost Centohm or Silicone coating. Consult Ohmite.
* Maximum Voltage is based on Ohm’s Law [V=
√P*R] as limited by the resistance value of
specified product


Similar Description - B5J1K1E

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
B20J50R OHMITE-B20J50R Datasheet
181Kb / 1P
   Brown Devil Vitreous Enamel Power
B20J2R0 OHMITE-B20J2R0 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J25R OHMITE-B20J25R Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J2K5 OHMITE-B20J2K5 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J50K OHMITE-B20J50K Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J5R0 OHMITE-B20J5R0 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J20K OHMITE-B20J20K Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
200N3DR500FE OHMITE-200N3DR500FE Datasheet
178Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J250 OHMITE-B20J250 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
B20J3K0 OHMITE-B20J3K0 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com