Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER202 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # HER202
Description  2A ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HER202 Datasheet(HTML) 2 Page - Frontier Electronics.

  HER202 Datasheet HTML 1Page - Frontier Electronics. HER202 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER201 THRU HER208
Page: 2
RATINGS AND CHARACTERISTIC CURVE HER201 THRU HER208
FIG. 6-TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
R
200
100
40
20
10
6
4
2
1
HER201~205
HER206~208
TJ=25
oC
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
10
1.0
.1
.01
TJ=25
oC
TJ=80
oC
TJ=125
oC
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
2.0
1.0
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase
Half Wave 60 Hz
Resistive or
Inductive Load
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.2
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE (V)
TJ=25
oC
10
1.0
.1
.01
.001
HER207~208
HER206
HER201~203
HER204~205
Pulse Width=300uS
1% Duty Cycle
FIG. 5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
60
50
40
30
20
10
0
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - HER202

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER202 WTE-HER202 Datasheet
49Kb / 3P
   2.0A HIGH EFFICIENCY RECTIFIER
logo
Guangdong Juxing Electr...
HER202 JUXING-HER202 Datasheet
750Kb / 2P
   Ultra Fast Rectifiers
logo
Taiwan Semiconductor Co...
HER202 TSC-HER202 Datasheet
190Kb / 2P
   2.0AMPS High Efficient Rectifiers
logo
Shanghai Shunye Electro...
HER202 SHUNYE-HER202 Datasheet
233Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Micro Commercial Compon...
HER202 MCC-HER202 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER202

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HER201G FRONTIER-HER201G Datasheet
982Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
logo
Sirectifier Global Corp...
HER201G SIRECT-HER201G Datasheet
121Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
HER201-LFR FRONTIER-HER201-LFR Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY RECTIFIER
MURS205-LFR FRONTIER-MURS205-LFR Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF20-005 FRONTIER-UF20-005 Datasheet
128Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
US2A FRONTIER-US2A Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF20-005G FRONTIER-UF20-005G Datasheet
128Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF20-005G-LFR FRONTIER-UF20-005G-LFR Datasheet
129Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
MURS205 FRONTIER-MURS205 Datasheet
129Kb / 2P
   2A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
UF20-005-LFR FRONTIER-UF20-005-LFR Datasheet
129Kb / 2P
   2A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com