Electronic Components Datasheet Search |
|
HER108 Datasheet(PDF) 1 Page - Frontier Electronics. |
|
HER108 Datasheet(HTML) 1 Page - Frontier Electronics. |
1 / 2 page HER101 THRU HER108 Page: 1 Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com 1A ULTRA FAST RECOVERY RECTIFIER HER101 THRU HER108 FEATURES PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY FLAMMABILITY CLASSIFICATION 94V-0 ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY LOW LEAKAGE HIGH SURGE CAPABILITY HIGH TEMPERATURE SOLDERING GUARANTEED: 260°C 0.375” (9.5mm)LEAD LENGTHS FOR 10 SECONDS AT 5 LBS.(2.3KG)TENSION MECHANICAL DATA CASE: MOLDED PLASTIC, DO41, DIMENSIONS IN INCHES AND (MILLIMETERS) TERMINALS: AXIAL LEADS SOLDERABLE PER MIL-STD- 202, METHOD 208 POLARITY: COLOR BAND DENOTES CATHODE END MOUNTING POSITION: ANY WEIGHT: 0.34 GRAMS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25 °C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20% RATINGS SYMBOL HER101 HER102 HER103 HER104 HER105 HER106 HER107 HER108 UNITS MAXIMUM RECURRENT PEAK REVERSE VOLTAGE VRRM 50 100 200 300 400 600 800 1000 V MAXIMUM RMS VOLTAGE VRMS 35 700 140 210 280 420 560 700 V MAXIMUM DC BLOCKING VOLTAGE VDC 50 100 200 300 400 600 800 1000 V MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT 0..375”(9.5mm) LEAD LENGTH AT TA=50°C IO 1.0 A PEAK FORWARD SURGE CURRENT SINGLE HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD IFSM 30 A TYPICAL JUNCTION CAPACITANCE (NOTE 1) CJ 20 15 PF TYPICAL THERMAL RESISTANCE (NOTE 2) Rθja 50 ℃/W STORAGE TEMPERATURE RANGE TSTG -55 TO + 150 ℃ OPERATING TEMPERATURE RANGE TC -55 TO + 150 ℃ ELECTRICAL CHARACTERISTICS (AT TA =25 °C UNLESS OTHERWISE NOTED) CHARACTERISTICS SYMBOL HER101 HER102 HER103 HER104 HER105 HER106 HER107 HER108 UNITS MAXIMUM FORWARD VOLTAGE AT Io DC VF 1.3 1.85 V MAXIMUM REVERSE CURRENT AT TA=25 ° IR 5 μA MAXIMUM REVERSE CURRENT AT TA=100 ° IR 50 μA MAXIMUM REVERSE RECOVERY TIME (NOTE 3) TRR 50 75 nS NOTE : 1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS 2. BOTH LEADS ATTACHED TO HEAT SINK 20 ×20×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm 3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A .205(5.2) .166(4.2) 1.0(25.4) MIN .034(0.9) .028(0.7) 1.0(25.4) MIN .107(2.7) .080(2.0) |
Similar Part No. - HER108 |
|
Similar Description - HER108 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |