Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDZ16B Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GDZ16B
Description  500m WATT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GDZ16B Datasheet(HTML) 2 Page - Frontier Electronics.

  GDZ16B Datasheet HTML 1Page - Frontier Electronics. GDZ16B Datasheet HTML 2Page - Frontier Electronics. GDZ16B Datasheet HTML 3Page - Frontier Electronics. GDZ16B Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GDZ2.0A THRU GDZ36D
Page: 2
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GDZ5.6A
GDZ5.6B
GDZ5.6C
GDZ6.2A
GDZ6.2B
GDZ6.2C
GDZ6.8A
GDZ6.8B
GDZ6.8C
GDZ7.5A
GDZ7.5B
GDZ7.5C
GDZ8.2A
GDZ8.2B
GDZ8.2C
GDZ9.1A
GDZ9.1B
GDZ9.1C
GDZ10A
GDZ10B
GDZ10C
GDZ10D
GDZ11A
GDZ11B
GDZ11C
GDZ12A
GDZ12B
GDZ12C
GDZ13A
GDZ13B
GDZ13C
GDZ15A
GDZ15B
GDZ15C
GDZ16A
GDZ16B
GDZ16C
GDZ18A
GDZ18B
GDZ18C
GDZ20A
GDZ20B
GDZ20C
GDZ20D
GDZ22A
GDZ22B
GDZ22C
GDZ22D
GDZ24A
GDZ24B
GDZ24C
GDZ24D
5.28
5.45
5.61
5.78
5.96
6.12
6.29
6.49
6.66
6.85
7.07
7.29
7.53
7.78
8.03
8.29
8.57
8.83
9.12
9.41
9.70
9.94
10.18
10.50
10.82
11.13
11.44
11.74
12.11
12.55
12.99
13.44
13.89
14.35
14.80
15.25
15.69
16.22
16.82
17.42
18.02
18.63
19.23
19.72
20.15
20.64
21.08
21.52
22.05
22.61
23.12
23.63
5.55
5.73
5.91
6.09
6.27
6.44
6.63
6.83
7.01
7.22
7.45
7.67
7.92
8.19
8.45
8.73
9.01
9.30
9.59
9.90
10.20
10.44
10.71
11.05
11.38
11.71
12.03
12.35
12.75
13.21
13.66
14.13
14.62
15.09
15.57
16.04
16.51
17.06
17.70
18.33
18.96
19.59
20.22
20.72
21.20
21.71
22.17
22.63
23.18
23.77
24.31
24.85
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
5
5
5
5
5
5
5
5
1
1
1
1
1
1
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
13
13
13
10
10
10
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
10
10
10
12
12
12
14
14
14
16
16
16
18
18
18
23
23
23
28
28
28
28
30
30
30
30
35
35
35
35
500
500
500
300
300
300
150
150
150
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
110
110
110
110
110
110
110
110
110
150
150
150
150
150
150
200
200
200
200
200
200
200
200
200
200
200
200
5
5
5
5
5
5
2
2
2
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
2.5
2.5
2.5
3.0
3.0
3.0
3.5
3.5
3.5
4.0
4.0
4.0
5.0
5.0
5.0
6.0
6.0
6.0
7.0
7.0
7.0
7.0
8.0
8.0
8.0
9.0
9.0
9.0
10.0
10.0
10.0
11.0
11.0
11.0
12.0
12.0
12.0
13.0
13.0
13.0
15.0
15.0
15.0
15.0
17.0
17.0
17.0
17.0
19.0
19.0
19.0
19.0
NOTE
:*MICRO MELF MOLDED GLASS


Similar Part No. - GDZ16B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GDZ16B EIC-GDZ16B Datasheet
40Kb / 2P
   ZENER DIODES
logo
SynSemi, Inc.
GDZ16B SYNSEMI-GDZ16B Datasheet
77Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
GDZ16B VISHAY-GDZ16B Datasheet
83Kb / 4P
   Small Signal Zener Diodes
Rev. 2.2, 03-Nov-16
logo
SUNMATE electronic Co.,...
GDZ16B SUNMATE-GDZ16B Datasheet
406Kb / 2P
   SURFACE MOUNT ZENER DIODES
logo
Vishay Siliconix
GDZ16B-G VISHAY-GDZ16B-G Datasheet
82Kb / 4P
   Small Signal Zener Diodes
Rev. 1.6, 14-Oct-16
More results

Similar Description - GDZ16B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GDZJ2.0A FRONTIER-GDZJ2.0A Datasheet
123Kb / 4P
   500m WATT ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
American Microsemicondu...
1N3343 AMMSEMI-1N3343 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3349 AMMSEMI-1N3349 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3347 AMMSEMI-1N3347 Datasheet
409Kb / 2P
   50 Watt Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com