Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL34J Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # GL34J
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

GL34J Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  GL34J Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GL34J Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOLDERABLE ENDS
D2
D2=D1
0
0.20
0.5± 0.1
0.5± 0.1
3.5± 0.2
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
GL34D GL34G GL34J GL34K GL34M
Gray
Red
Orange Yellow Green
Blue
Violet
Maximumrecurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
MaximumRMS voltage
VRWS
140
280
420
560
700
V
MaximumDC blocking voltage
VDC
200
400
600
800
1000
V
Maximumaverage forw ord rectified current
V @TL=75
IF(AV)
A
Peak forw ard surge current
V 8.3ms single half-sine-w ave superimposed
V on rated load (JEDEC Method)
IFSM
A
Maximuminstantaneous forw ard voltage at 0.5 A
VF
V
MaximumDC reverse current
@T
A=25
oC
at rated DC blockjing voltage
@T
A=125
oC
Typical junction capacitance(NOTE2)
CJ
pF
Storage temperature range
TSTG
oC
Plastic package has underwriters laboratory
11
1 flammability classifications
UNITS
10.0
50
100
35
70
50
100
50.0
1.2
1.3
2.Thermal resistance form junction to ambient and junction to lead P.C.B mounted on 0.27"X0.27"(7.0X7.0mm2) copper pad areas
-55--------+150
0.5
IR
5.0
For surface mounted applications
Low profile package
GL34A
Polarity: Color band denotes cathode end
Weight: 0.0014 ounces, 0.036 gram
Glass passivated chip junction
High temperature soldering:
11
1 250
oC/10 seconds at terminals
NOTE: 1.Measured at 1.0MHz and applied reverse voltage of 4.0volts
4.0
REVERSE VOLTAGE: 50 - 1000 V
CURRENT: 0.5A
Built-in strain relief,ideal for automated placement
Case:JEDEC DO-213AA,molded plastic over
11
11passivated chip
Polarity color bands (2nd Band)
DO- 213AA
Typical thermal resitance (NOTE4)
oC/W
GL34B
4. Thermal resistance from junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
Dimensions in millimeters
JA
R
150
Typical reverse recovery time(NOTE3)
t
3.Measured with IF=0.5A,IR=1.0A,Irr=0.25A.
rr
1.5
S
A
Operating junction temperature range
T
J
-55--------+150
GL34A-GL34M
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - GL34J

ManufacturerPart #DatasheetDescription
logo
Dc Components
GL34J DCCOM-GL34J Datasheet
340Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON RECTIFIER
logo
PACELEADER INDUSTRIAL
GL34J PACELEADER-GL34J Datasheet
289Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
GL34J FORMOSA-GL34J Datasheet
66Kb / 2P
   Silicon passivated type
logo
Micro Commercial Compon...
GL34J MCC-GL34J Datasheet
218Kb / 4P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
General Semiconductor
GL34J GE-GL34J Datasheet
80Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING JUNCTION RECTIFIER
More results

Similar Description - GL34J

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com