Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPA1605 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # GPA1605
Description  16.0AMP. Glass Passivated Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

GPA1605 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  GPA1605 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd GPA1605 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
0
5
10
50
100
1000
500
20
40
60
100
80
120
Tj=25 C
0
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
350
300
250
200
150
100
50
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
0
50
100
150
18
16
14
12
10
8
CASE TEMPERATURE. ( C)
o
Single Phase
Half Wave 60Hz
Resistive of
Inductive Load
FIG.5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
0.4
0.2
1
4
2
10
20
40
100
200
400
FORWARD VOLTAGE. (V)
Tj=25 C
Pulse Width=300 s
1% Duty Cycle
o
0
20
40
60
80
100
120
140
0.1
0.4
0.2
1.0
4
40
2
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=125 C
0
REVERSE VOLTAGE. (V)
)
(
S
E
V
R
U
C
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
N
A
S
G
N
I
T
A
R
GPA1601 THRU GPA1607
FIG.4- TYPICAL JUNCTION CAPACITANCE
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG.2- TYPICAL REVERSE CHARACTERISTICS
GPA1601-GPA1607
16.0AMP. Glass Passivated Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - GPA1605

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GPA1605 TSC-GPA1605 Datasheet
51Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GPA1605 TSC-GPA1605 Datasheet
260Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
GPA1605 TSC-GPA1605 Datasheet
1Mb / 3P
   16.0 AMPs. Glass Passivated Rectifiers
logo
RFE international
GPA1605 RFE-GPA1605 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
GPA1605 TSC-GPA1605 Datasheet
569Kb / 2P
   16.0 AMPS. Glass Passivated Rectifiers
More results

Similar Description - GPA1605

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
FRA1601G LUGUANG-FRA1601G Datasheet
201Kb / 2P
   16.0AMP. Glass Passivated Fast Recovery Rectifiers
SF1601G LUGUANG-SF1601G Datasheet
241Kb / 2P
   16.0AMP. Glass Passivated Super Fast Rectifiers
HERA1601G LUGUANG-HERA1601G Datasheet
179Kb / 2P
   16.0AMP. Glass Passivated High Efficient Rectifiers
HERAF1601G LUGUANG-HERAF1601G Datasheet
229Kb / 2P
   Isolated 16.0AMP. Glass Passivated High Efficient Rectifiers
FRAF1601G LUGUANG-FRAF1601G Datasheet
228Kb / 2P
   Isolated 16.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
First Components Intern...
UFF16C10 FCI-UFF16C10 Datasheet
140Kb / 2P
   16.0Amp Full Pack Glass Passivated Super Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com