Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDZJ24A Datasheet(PDF) 3 Page - Frontier Electronics.

Part # GDZJ24A
Description  500m WATT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GDZJ24A Datasheet(HTML) 3 Page - Frontier Electronics.

  GDZJ24A Datasheet HTML 1Page - Frontier Electronics. GDZJ24A Datasheet HTML 2Page - Frontier Electronics. GDZJ24A Datasheet HTML 3Page - Frontier Electronics. GDZJ24A Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GDZJ2.0A THRU GDZJ56
Page: 3
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GDZJ24A
GDZJ24B
GDZJ24C
GDZJ24D
GDZJ27A
GDZJ27B
GDZJ27C
GDZJ27D
GDZJ30A
GDZJ30B
GDZJ30C
GDZJ30D
GDZJ33A
GDZJ33B
GDZJ33C
GDZJ33D
GDZJ36A
GDZJ36B
GDZJ36C
GDZJ36D
GDZJ39A
GDZJ39B
GDZJ39C
GDZJ39D
GDZJ43
GDZJ47
GDZJ51
GDZJ56
22.05
22.61
23.12
23.63
24.26
24.97
25.63
26.29
26.99
27.70
28.36
29.02
29.68
30.32
30.90
31.49
32.14
32.79
33.40
34.01
34.68
35.36
36.00
36.63
40.00
44.00
48.00
53.00
23.18
23.77
24.31
24.85
25.52
26.26
26.95
27.64
28.39
29.13
29.82
30.51
31.22
31.88
32.50
33.11
33.79
34.49
35.13
35.77
36.47
37.19
37.85
38.52
45.00
49.00
54.00
60.00
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
35
35
35
35
45
45
45
45
55
55
55
55
65
65
65
65
75
75
75
75
85
85
85
85
90
90
110
110
200
200
200
200
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
250
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
19.0
19.0
19.0
19.0
21.0
21.0
21.0
21.0
23.0
23.0
23.0
23.0
25.0
25.0
25.0
25.0
27.0
27.0
27.0
27.0
30.0
30.0
30.0
30.0
33
36
39
43


Similar Part No. - GDZJ24A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZJ24A PANJIT-GDZJ24A Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
More results

Similar Description - GDZJ24A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GDZ2.0A FRONTIER-GDZ2.0A Datasheet
125Kb / 4P
   500m WATT ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
American Microsemicondu...
1N3343 AMMSEMI-1N3343 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3349 AMMSEMI-1N3349 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3347 AMMSEMI-1N3347 Datasheet
409Kb / 2P
   50 Watt Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com