Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV05-14 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # HV05-14
Description  HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HV05-14 Datasheet(HTML) 2 Page - Frontier Electronics.

  HV05-14 Datasheet HTML 1Page - Frontier Electronics. HV05-14 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HV05-08 THRU HV05-16
Page: 2
RATINGS AND CHARACTERISTIC CURVES HV05-08 THRU HV05-16
FIG. 1 - FORWARD CURRENT
DERATING CURVE
600
500
400
300
200
100
0
20
40
60
80
100
120
140
AMBIENT TEMPERATURE,
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
10
4
1.0
.4
0.1
0.4
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
30
10
5
1
1
5
10
50
100
REVERSE VOLTAGE, VOLTS
FIG. 2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE RATING
NUMBER OF CYCLES AT 60HZ
FIG. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10.0
1.0
.1
.01
.001
5.0
6.0
7.0
8.0
9.0
10
11
12
INSTANTANEOUS FORWARD VOLTAGE
VOLTS
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
TJ=100
TJ=25
TJ=25
TJ=25℃ Pulse
Width=300us
2% Duty
Cycle
1
5
10
50
100
8.3 ms Single Half Sine Wave
(JEDEC Method)
60
30
10


Similar Part No. - HV05-14

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
HV05-14 FCI-HV05-14 Datasheet
125Kb / 2P
   550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
Frontier Electronics.
HV05-14 FRONTIER-HV05-14 Datasheet
1Mb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
More results

Similar Description - HV05-14

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HV03-08 FRONTIER-HV03-08 Datasheet
119Kb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV03-08-LFR FRONTIER-HV03-08-LFR Datasheet
119Kb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV03-08 FRONTIER-HV03-08_16 Datasheet
1Mb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
HV05-08 FRONTIER-HV05-08_16 Datasheet
1Mb / 2P
   HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
FHV03-08 FRONTIER-FHV03-08 Datasheet
1Mb / 2P
   FAST RECOVERY HIGH VOLTAGE MICROWAVE OVEN RECTIFIER
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12_V01 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL01-16 GETEDZ-CL01-16 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-09 GETEDZ-CL04-09 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-16 GETEDZ-CL04-16 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL01-09 GETEDZ-CL01-09 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com