Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69F819TQ8R Datasheet(PDF) 9 Page - Motorola, Inc

Part # MCM69F819TQ8R
Description  256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F819TQ8R Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MCM69F819TQ8R Datasheet HTML 5Page - Motorola, Inc MCM69F819TQ8R Datasheet HTML 6Page - Motorola, Inc MCM69F819TQ8R Datasheet HTML 7Page - Motorola, Inc MCM69F819TQ8R Datasheet HTML 8Page - Motorola, Inc MCM69F819TQ8R Datasheet HTML 9Page - Motorola, Inc MCM69F819TQ8R Datasheet HTML 10Page - Motorola, Inc MCM69F819TQ8R Datasheet HTML 11Page - Motorola, Inc MCM69F819TQ8R Datasheet HTML 12Page - Motorola, Inc MCM69F819TQ8R Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MCM69F819
9
MOTOROLA FAST SRAM
DC CHARACTERISTICS AND SUPPLY CURRENTS
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input Leakage Current (0 V
≤ Vin ≤ VDD)
Ilkg(I)
± 1
µA
Output Leakage Current (0 V
≤ Vin ≤ VDDQ)
Ilkg(O)
± 1
µA
AC Supply Current (Device Selected,
MCM69F819–7.5
All Outputs Open, Freq = Max)
MCM69F819–8
Includes VDD Only
MCM69F819–8.5
MCM69F819–11
IDDA
350
325
300
250
mA
1, 2, 3
CMOS Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, All Inputs Static at CMOS Levels)
ISB2
45
mA
4, 5
TTL Standby Supply Current (Device Deselected, Freq = 0,
VDD = Max, All Inputs Static at TTL Levels)
ISB3
50
mA
4, 6
Clock Running (Device Deselected,
MCM69F819–7.5
Freq = Max, VDD = Max,
MCM69F819–8
All Inputs Toggling at CMOS Levels)
MCM69F819–8.5
MCM69F819–11
ISB4
190
175
165
145
mA
4, 5
Static Clock Running (Device Deselected, Freq = Max,
VDD = Max, All Inputs Static at TTL Levels)
ISB5
95
mA
4, 6
Output Low Voltage (IOL = 2 mA) VDDQ = 2.5 V
VOL
0.7
V
Output High Voltage (IOL = – 2 mA) VDDQ = 2.5 V
VOH
1.7
V
Output Low Voltage (IOL = 8 mA) VDDQ = 3.3 V
VOL2
0.4
V
Output High Voltage (IOL = – 4 mA) VDDQ = 3.3 V
VOH2
2.4
V
NOTES:
1. Reference AC Operating Conditions and Characteristics for input and timing.
2. All addresses transition simultaneously low (LSB) then high (MSB).
3. Data states are all zero.
4. Device is deselected as defined by the Truth Table.
5. CMOS levels for I/O’s are VIT ≤ VSS + 0.2 V or ≥ VDDQ – 0.2 V. CMOS levels for other inputs are Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V.
6. TTL levels for I/O’s are VIT ≤ VIL or ≥ VIH2. TTL levels for other inputs are Vin ≤ VIL or ≥ VIH.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 0 to 70°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Min
Typ
Max
Unit
Input Capacitance
Cin
4
5
pF
Input/Output Capacitance
CI/O
7
8
pF


Similar Part No. - MCM69F819TQ8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817ZP6 MOTOROLA-MCM69F817ZP6 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817ZP6.5 MOTOROLA-MCM69F817ZP6.5 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817ZP6.5R MOTOROLA-MCM69F817ZP6.5R Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F817ZP6R MOTOROLA-MCM69F817ZP6R Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69F819TQ8R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com