Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69L820AZP8.5R Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM69L820AZP8.5R
Description  4M Late Write 2.5 V I/O
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69L820AZP8.5R Datasheet(HTML) 3 Page - Motorola, Inc

  MCM69L820AZP8.5R Datasheet HTML 1Page - Motorola, Inc MCM69L820AZP8.5R Datasheet HTML 2Page - Motorola, Inc MCM69L820AZP8.5R Datasheet HTML 3Page - Motorola, Inc MCM69L820AZP8.5R Datasheet HTML 4Page - Motorola, Inc MCM69L820AZP8.5R Datasheet HTML 5Page - Motorola, Inc MCM69L820AZP8.5R Datasheet HTML 6Page - Motorola, Inc MCM69L820AZP8.5R Datasheet HTML 7Page - Motorola, Inc MCM69L820AZP8.5R Datasheet HTML 8Page - Motorola, Inc MCM69L820AZP8.5R Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MCM69L738A
•MCM69L820A
3
MOTOROLA FAST SRAM
MCM69L738A PIN DESCRIPTIONS
PBGA Pin Locations
Symbol
Type
Description
4K
CK
Input
Address, data in and control input register clock. Active high.
4L
CK
Input
Address, data in and control input register clock. Active low.
(a) 6K, 7K, 6L, 7L, 6M, 6N, 7N, 6P, 7P
(b) 6D, 7D, 6E, 7E, 6F, 6G, 7G, 6H, 7H
(c) 1D, 2D, 1E, 2E, 2F, 1G, 2G, 1H, 2H
(d) 1K, 2K, 1L, 2L, 2M, 1N, 2N, 1P, 2P
DQx
I/O
Synchronous Data I/O.
4F
G
Input
Output Enable: Asynchronous pin, active low.
2A, 3A, 5A, 6A, 3B, 5B, 2C, 3C,
5C, 6C, 4N, 4P, 2R, 6R, 3T, 4T, 5T
SA
Input
Synchronous Address Inputs: Registered on the rising clock edge.
5L, 5G, 3G, 3L
(a), (b), (c), (d)
SBx
Input
Synchronous Byte Write Enable: Enables writes to byte x in
conjunction with the SW input. Has no effect on read cycles, active
low.
4E
SS
Input
Synchronous Chip Enable: Registered on the rising clock edge, active
low.
4M
SW
Input
Synchronous Write: Registered on the rising clock edge, active low.
Writes all enabled bytes.
4U
TCK
Input
Test Clock (JTAG).
3U
TDI
Input
Test Data In (JTAG).
5U
TDO
Output
Test Data Out (JTAG).
2U
TMS
Input
Test Mode Select (JTAG).
7T
ZZ
Input
Enables sleep mode, active high.
4C, 2J, 4J, 6J, 4R, 3R
VDD
Supply
Core Power Supply.
1A, 7A, 1F, 7F, 1J, 7J, 1M, 7M, 1U, 7U
VDDQ
Supply
Output Power Supply: provides operating power for output buffers.
3D, 5D, 3E, 5E, 3F, 5F, 3H, 5H,
3K, 5K, 3M, 5M, 3N, 5N, 3P, 5P, 5R
VSS
Supply
Ground.
4A, 1B, 2B, 4B, 6B, 7B, 1C, 7C, 4D,
4G, 4H, 3J, 5J, 1R, 7R, 1T, 2T, 6T, 6U
NC
No Connection: There is no connection to the chip.
Note: 3J and 5J are tied common.


Similar Part No. - MCM69L820AZP8.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L817 MOTOROLA-MCM69L817 Datasheet
180Kb / 16P
   256K x 18 Bit Data Latch BurstRAME Synchronous Fast Static RAM
MCM69L818AZP10.5 MOTOROLA-MCM69L818AZP10.5 Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69L818AZP10.5R MOTOROLA-MCM69L818AZP10.5R Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69L818AZP7.5 MOTOROLA-MCM69L818AZP7.5 Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69L818AZP7.5R MOTOROLA-MCM69L818AZP7.5R Datasheet
225Kb / 20P
   4M Late Write HSTL
More results

Similar Description - MCM69L820AZP8.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L737A MOTOROLA-MCM69L737A Datasheet
211Kb / 20P
   4M Late Write LVTTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
logo
GSI Technology
GS8330LW36C GSI-GS8330LW36C Datasheet
579Kb / 30P
   36Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36 GSI-GS8170LW36 Datasheet
884Kb / 27P
   18Mb sigma 1x1Lp CMOS I/O Late Write SigmaRAM
GS8170LW36AC GSI-GS8170LW36AC Datasheet
999Kb / 32P
   18Mb 誇1x1Lp CMOS I/O Late Write SigmaRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com