Electronic Components Datasheet Search |
|
GDZJ27C Datasheet(PDF) 1 Page - Frontier Electronics. |
|
GDZJ27C Datasheet(HTML) 1 Page - Frontier Electronics. |
1 / 4 page GDZJ2.0A THRU GDZJ56 Page: 1 Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com 500m WATT ZENER DIODE GDZJ2.0A THRU GDZJ56 FEATURES LOW COST SMALL SIZE GLASS SEALED MECHANICAL DATA CASE: GLASS CASE, DO34, DIMENSIONS IN INCHES AND (MILLIMETERS) TERMINALS: AXIAL LEADS, SOLDERABLE PER MIL-STD -202, METHOD 208 POLARITY: COLOR BAND DENOTES CATHODE MOUNTING POSITION: ANY WEIGHT: 0.013 GRAMS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25 °C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55 TO + 150 °C ELECTRICAL CHARACTERISTICS (TA=25 ℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES MAXIMUM ZENER IMPEDANCE MAXIMUM REVERSE LEAKAGE CURRENT NOMINAL ZENER VOLTS VZ@IZT VOLTS ZZT @ IZT ZZK@IZK JEDEC TYPE MIN MAX TEST CURRENT IZT mA TEST CURRENT IZK mA OHMS OHMS IR μA @ VR VOLTS GDZJ2.0A GDZJ2.0B GDZJ2.2A GDZJ2.2B GDZJ2.4A GDZJ2.4B GDZJ2.7A GDZJ2.7B GDZJ3.0A GDZJ3.0B GDZJ3.3A GDZJ3.3B GDZJ3.6A GDZJ3.6B GDZJ3.9A GDZJ3.9B GDZJ4.3A GDZJ4.3B GDZJ4.3C GDZJ4.7A GDZJ4.7B GDZJ4.7C GDZJ5.1A GDZJ5.1B GDZJ5.1C 1.88 2.02 2.12 2.22 2.33 2.43 2.54 2.69 2.85 3.01 3.16 3.32 3.46 3.60 3.74 3.89 4.04 4.17 4.30 4.44 4.55 4.68 4.81 4.94 5.09 2.10 2.20 2.30 2.41 2.52 2.63 2.75 2.91 3.07 3.22 3.38 3.53 3.69 3.84 4.01 4.16 4.29 4.43 4.57 4.68 4.80 4.93 5.07 5.20 5.37 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1 1 1 1 1 1 1 1 1 1 1 1 1 100 100 100 100 100 100 110 110 120 120 120 120 100 100 100 100 100 100 100 90 90 90 80 80 80 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 900 900 900 800 800 800 120 120 100 100 120 120 100 100 50 50 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 0.5 0.5 0.7 0.7 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 1.5 1.5 NOTE: *MICRO MELF MOLDED GLASS .106(2.9) MAX .017(0.42) TYP 1.02(26.0) MIN .079(2.0) MAX 1.02(26.0) MIN |
Similar Part No. - GDZJ27C |
|
Similar Description - GDZJ27C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |