Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER1010 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HER1010
Description  High Efficiency Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

HER1010 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  HER1010 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd HER1010 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0.1
1
10
100
TJ=25
Pulse W idth=300
µS
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2
1 0 0 \2 00V
6 0 0V
4 00 V
1
2
4
10
8
20
40
60 100
200
0
50
100
150
TJ=125℃
8.3ms Single Half
Sine-Wave
.2
TJ=25
f=1MHz
10
.1
20
40
.4
1.0
2
400
100
200
600
1000
4
10 20
40
100
0
2
4
25
50
75
100
125
150
6
8
1
0
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
CASE TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 20/45 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M
.22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
trr
-1.0A
-0.25A
0
+0.5A
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(approx)
(-)
1
NONIN-
DUCTIVE
HER1010-HER1060
High Efficiency Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - HER1010

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER1010C LUGUANG-HER1010C Datasheet
213Kb / 2P
   High Efficiency Rectifiers
logo
Thinki Semiconductor Co...
HER1010CA THINKISEMI-HER1010CA Datasheet
262Kb / 2P
   10.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER1010CL THINKISEMI-HER1010CL Datasheet
260Kb / 2P
   10.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER1010CR THINKISEMI-HER1010CR Datasheet
259Kb / 2P
   10.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
HER1010CT THINKISEMI-HER1010CT Datasheet
258Kb / 2P
   10.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
More results

Similar Description - HER1010

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
   High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
   High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
   High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Leshan Radio Company
HER103 LRC-HER103_15 Datasheet
201Kb / 7P
   High Efficiency Rectifiers
HER208 LRC-HER208_15 Datasheet
153Kb / 7P
   High Efficiency Rectifiers
HER305 LRC-HER305_15 Datasheet
195Kb / 7P
   High Efficiency Rectifiers
logo
Shenzhen Luguang Electr...
ERB32-01 LUGUANG-ERB32-01 Datasheet
1Mb / 2P
   High Efficiency Rectifiers
logo
Diode Semiconductor Kor...
TVR1B DSK-TVR1B Datasheet
282Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com