Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDZ36C Datasheet(PDF) 1 Page - Frontier Electronics.

Part # GDZ36C
Description  500m WATT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GDZ36C Datasheet(HTML) 1 Page - Frontier Electronics.

  GDZ36C Datasheet HTML 1Page - Frontier Electronics. GDZ36C Datasheet HTML 2Page - Frontier Electronics. GDZ36C Datasheet HTML 3Page - Frontier Electronics. GDZ36C Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GDZ2.0A THRU GDZ36D
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
500m WATT ZENER DIODE
GDZ2.0A THRU GDZ36D
FEATURES
LOW COST
SMALL SIZE
GLASS SEALED
MECHANICAL DATA
CASE: GLASS CASE, DO34, DIMENSIONS IN INCHES
AND (MILLIMETERS)
TERMINALS: AXIAL LEADS, SOLDERABLE PER MIL-STD -202,
METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION: ANY
WEIGHT: 0.013 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
STORAGE AND OPERATING TEMPERATURE RANGE -55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GDZ2.0A
GDZ2.0B
GDZ2.2A
GDZ2.2B
GDZ2.4A
GDZ2.4B
GDZ2.7A
GDZ2.7B
GDZ3.0A
GDZ3.0B
GDZ3.3A
GDZ3.3B
GDZ3.6A
GDZ3.6B
GDZ3.9A
GDZ3.9B
GDZ4.3A
GDZ4.3B
GDZ4.3C
GDZ4.7A
GDZ4.7B
GDZ4.7C
GDZ5.1A
GDZ5.1B
GDZ5.1C
1.88
2.02
2.12
2.22
2.33
2.43
2.54
2.69
2.85
3.01
3.16
3.32
3.46
3.60
3.74
3.89
4.04
4.17
4.30
4.44
4.55
4.68
4.81
4.94
5.09
2.10
2.20
2.30
2.41
2.52
2.63
2.75
2.91
3.07
3.22
3.38
3.53
3.69
3.84
4.01
4.16
4.29
4.43
4.57
4.68
4.80
4.93
5.07
5.20
5.37
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
140
140
120
120
100
100
100
100
80
80
70
70
60
60
50
50
40
40
40
25
25
25
20
20
20
2000
2000
2000
2000
2000
2000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
900
900
900
800
800
800
120
120
120
120
120
120
120
120
50
50
20
20
10
10
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.7
0.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
1.5
1.5
NOTE:
*MICRO MELF MOLDED GLASS
.106(2.9)
MAX
.017(0.42)
TYP
1.02(26.0)
MIN
.079(2.0)
MAX
1.02(26.0)
MIN


Similar Part No. - GDZ36C

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
GDZ36 WILLAS-GDZ36 Datasheet
401Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
EIC discrete Semiconduc...
GDZ36B EIC-GDZ36B Datasheet
40Kb / 2P
   ZENER DIODES
logo
SynSemi, Inc.
GDZ36B SYNSEMI-GDZ36B Datasheet
77Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
GDZ36B VISHAY-GDZ36B Datasheet
83Kb / 4P
   Small Signal Zener Diodes
Rev. 2.2, 03-Nov-16
logo
SUNMATE electronic Co.,...
GDZ36B SUNMATE-GDZ36B Datasheet
406Kb / 2P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GDZ36C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GDZJ2.0A FRONTIER-GDZJ2.0A Datasheet
123Kb / 4P
   500m WATT ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
American Microsemicondu...
1N3343 AMMSEMI-1N3343 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3349 AMMSEMI-1N3349 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3347 AMMSEMI-1N3347 Datasheet
409Kb / 2P
   50 Watt Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com