Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRD660CT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # MBRD660CT
Description  6A DUAL SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

MBRD660CT Datasheet(HTML) 1 Page - Frontier Electronics.

  MBRD660CT Datasheet HTML 1Page - Frontier Electronics. MBRD660CT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBRD620CT THRU MBRD660CT
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
6A DUAL SCHOTTKY BARRIER RECTIFIERS
MBRD620CT THRU MBRD660CT
FEATURES
MECHANICAL DATA
EXTREMELY LOW VF
CASE: TRANSFER MOLDED, DPAK
LOW STORED CHARGE, MAJORITY CARRIER CONDUCTION
LEADS: SOLDERABLE PER MIL-STD-202, METHOD 208
LOW POWER LOSS / HIGH EFFICIENCY
POLARITY: AS MARKED
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
WEIGHT: 1.8 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
MBRD620CT
MBRD630CT
MBRD640CT
MBRD660CT
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
20
30
40
60
V
MAXIMUM RMS VOLTAGE
VRMS
14
21
28
42
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
20
30
40
60
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
PER LEG
IO
6.0
3.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD PER LEG
IFSM
75
A
TYPICAL THERMAL RESISTANCE JUNCTION TO CASE AT 25
PER LEG
Rθjc
2.43
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
MBRD620CT
MBRD630CT
MBRD640CT
MBRD660CT
UNITS
MAXIMUM FORWARD VOLTAGE AT 3A PER LEG
VF
0.55
0.70
V
MAXIMUM REVERSE CURRENT AT 25
℃PER LEG (NOTE 1)
IR
5.0
mA
MAXIMUM REVERSE CURRENT AT 100
℃PER LEG (NOTE 1)
IR
50.0
mA
NOTES:
1. PULSE TEST:
300µS PULSE WIDTH, 1% DUTY CYCLE
STYLE 3 :
PIN 1. ANODE
2.CATHODE
3.ANODE
4.CATHODE
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.37
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.48
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.175
0.215
4.45
5.46
S
0.020
0.050
0.51
1.27
U
0.020
----
0.51
----
V
0.030
0.050
0.77
1.27
Z
0.138
----
3.51
----
4
1
2
3
B
R
A
K
C
E
U
J
H
V
S
F
L
D 2PL
G
Z


Similar Part No. - MBRD660CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD660CT MOTOROLA-MBRD660CT Datasheet
96Kb / 4P
   SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MBRD660CT ONSEMI-MBRD660CT Datasheet
65Kb / 6P
   SWITCHMODE Power Rectifiers
August, 2004 ??Rev. 4
logo
International Rectifier
MBRD660CT IRF-MBRD660CT Datasheet
184Kb / 7P
   SCHOTTKY RECTIFIER 6 Amp
logo
Sangdest Microelectroni...
MBRD660CT SMC-MBRD660CT Datasheet
205Kb / 6P
   SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRD660CT MCC-MBRD660CT Datasheet
442Kb / 3P
   6 Amp Schottky Barrier Rectifier 60 Volts
More results

Similar Description - MBRD660CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MBRD620CT-LFR FRONTIER-MBRD620CT-LFR Datasheet
124Kb / 2P
   6A DUAL SCHOTTKY BARRIER RECTIFIERS
SS62B FRONTIER-SS62B Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS62-LFR FRONTIER-SS62-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS62B-LFR FRONTIER-SS62B-LFR Datasheet
120Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS62 FRONTIER-SS62 Datasheet
124Kb / 2P
   6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
List of Unclassifed Man...
MBRF1635CT ETC-MBRF1635CT Datasheet
58Kb / 2P
   Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT Datasheet
50Kb / 3P
   Dual Schottky Barrier Rectifiers
14-Jul-04
logo
EIC discrete Semiconduc...
SBL2030PT EIC-SBL2030PT Datasheet
98Kb / 2P
   DUAL SCHOTTKY BARRIER RECTIFIERS
FST31180 EIC-FST31180 Datasheet
96Kb / 2P
   Dual Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
MBR3035CT SSC-MBR3035CT Datasheet
285Kb / 5P
   Dual Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com