Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITO-220AB Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ITO-220AB
Description  Isolated 16.0AMP.Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ITO-220AB Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ITO-220AB Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ITO-220AB Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tj=25 C
0
Tj=125 C
0
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50
NONINDUCTIVE
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (HERF1601G THRU HERF1608G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
4
8
12
16
20
CASE TEMPERATURE. ( C)
o
FIG.4- TYPICAL JUNCTION CAPACITANCE PER LEG
15
2
10
20
50
100
200
500
1000
40
0
80
120
160
200
240
REVERSE VOLTAGE. (V)
HERF1601G~HERF1605G
HERF1606G~HERF1608G
Tj=25 C
0
FIG.2- TYPICAL REVERSE CHARACTERISTICS
PER LEG
20
40
60
80
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
1
2
5
10
20
100
50
60
30
120
90
NUMBER OF CYCLES AT 60Hz
Tj=25 C
0
8.3ms Single Half Sine Wave
JEDEC Method
0
150
FIG.5- TYPICAL FORWARD CHARACTERISTICS
PER LEG
1.6
1.8
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.03
0.3
1.0
3.0
10
30
100
0.1
FORWARD VOLTAGE. (V)
HERF1605G
Tj=25 C
PULSE WIDTH-300 S
1% DUTY CYCLE
0
FERF1601G-FERF1608G
Isolated 16.0AMP.Glass Passivated High Efficient Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - ITO-220AB

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
ITO-220AB KERSEMI-ITO-220AB Datasheet
1Mb / 4P
   Guardring for overvoltage protection
logo
Vishay Siliconix
ITO-220AB VISHAY-ITO-220AB Datasheet
126Kb / 5P
   Dual Common-Cathode High-Voltage Schottky Rectifier
Revision: 27-Jul-07
logo
Shenzhen Luguang Electr...
ITO-220AB LUGUANG-ITO-220AB Datasheet
258Kb / 2P
   Schottky Barrier Rectifiers
ITO-220AB LUGUANG-ITO-220AB Datasheet
253Kb / 2P
   Isolated10.0AMP. Glass Passivated Supper Fast Rectifiers
logo
Vishay Siliconix
ITO-220AB VISHAY-ITO-220AB Datasheet
140Kb / 5P
   Dual Common Cathode Ultrafast Plastic Rectifier
Revision: 30-Aug-13
More results

Similar Description - ITO-220AB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERAF801G TSC-HERAF801G_12 Datasheet
205Kb / 2P
   8.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HERAF1601G LUGUANG-HERAF1601G Datasheet
229Kb / 2P
   Isolated 16.0AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HERF1001G TSC-HERF1001G_11 Datasheet
187Kb / 2P
   10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERF1601G TSC-HERF1601G_11 Datasheet
188Kb / 2P
   16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF1001G TSC-HERAF1001G_12 Datasheet
205Kb / 2P
   10.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G_12 Datasheet
206Kb / 2P
   16.0AMPS. Isolated Glass Passivated High Efficient Rectifiers
HERF1001G TSC-HERF1001G_1 Datasheet
344Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1601G TSC-HERAF1601G_1 Datasheet
296Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERF1601G TSC-HERF1601G_1 Datasheet
344Kb / 2P
   Isolated 16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERAF1001G TSC-HERAF1001G Datasheet
266Kb / 2P
   Isolated 10.0 AMPS. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com