Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR1100-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # MUR1100-LFR
Description  1A ULTRA FAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

MUR1100-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  MUR1100-LFR Datasheet HTML 1Page - Frontier Electronics. MUR1100-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MUR105-LFR THRU MUR1100-LFR
Page: 1
+++
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A ULTRA FAST EFFICIENT RECTIFIER
MUR105-LFR THRU MUR1100-LFR
FEATURES
LOW POWER LOSS, HIGH EFFICIENCY
LOW LEAKAGE
LOW FORWARD VOLTAGE DROP
HIGH CURRENT CAPABILITY
HIGH SPEED SWITCHING
HIGH RELIABILITY
HIGH CURRENT SURGE
GLASS PASSIVATED CHIP JUNCTION
ROHS
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO41, DIMENSIONS IN INCHES
AND (MILLIMETERS)
EPOXY: UL 94V-0 RATE FLAME RETARDANT
LEAD: MIL-STD-202E METHOD 208C GUARANTEED
MOUNTING POSITION: ANY
WEIGHT: 0.34 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
MUR
105-LF
R
MUR
110-LF
R
MUR
115-LF
R
MUR
120-LF
R
MUR
140-LF
R
MUR
160-LF
R
MUR
180-LF
R
MUR
1100-LF
R
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
150
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
105
140
280
480
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
150
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375” (9.5mm) LEAD LENGTH AT TA=55
°C
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
35
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
70
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
50
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
MUR
105-LF
R
MUR
110-LF
R
MUR
115-LF
R
MUR
120-LF
R
MUR
140-LF
R
MUR
160-LF
R
MUR
180-LF
R
MUR
1100-LF
R
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.875
1.25
1.75
V
MAXIMUM REVERSE CURRENT AT 25
IR
2
5
μA
MAXIMUM REVERSE CURRENT AT 100
IR
50
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
25
50
75
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.034(0.9)
.028(0.7)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)


Similar Part No. - MUR1100-LFR

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR1100 MCC-MUR1100 Datasheet
84Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
MUR1100 MCC-MUR1100 Datasheet
369Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MUR1100 BILIN-MUR1100 Datasheet
59Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
New Jersey Semi-Conduct...
MUR1100 NJSEMI-MUR1100 Datasheet
48Kb / 1P
   SWITCHMODE POWER RECTIRERS
logo
Shanghai Lunsure Electr...
MUR1100 CHENYI-MUR1100 Datasheet
50Kb / 3P
   1Amp super fast recovery rectifier 50to1000 volts
More results

Similar Description - MUR1100-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MUR105 FRONTIER-MUR105 Datasheet
128Kb / 2P
   1A ULTRA FAST EFFICIENT RECTIFIER
FE10-005 FRONTIER-FE10-005 Datasheet
129Kb / 2P
   1A FAST EFFICIENT RECTIFIER
HER101 FRONTIER-HER101 Datasheet
130Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
BYT54A FRONTIER-BYT54A Datasheet
61Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
HER101-LFR FRONTIER-HER101-LFR Datasheet
131Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
BYT54A-LFR FRONTIER-BYT54A-LFR Datasheet
127Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
UF4001-LFR FRONTIER-UF4001-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
FUF4001 FRONTIER-FUF4001 Datasheet
128Kb / 2P
   1A ULTRA FAST RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
HS1AF FS-HS1AF Datasheet
405Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
MURS105 FRONTIER-MURS105 Datasheet
131Kb / 2P
   1A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com