Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ5255B Datasheet(PDF) 1 Page - Frontier Electronics.

Part # MMSZ5255B
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

MMSZ5255B Datasheet(HTML) 1 Page - Frontier Electronics.

  MMSZ5255B Datasheet HTML 1Page - Frontier Electronics. MMSZ5255B Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMSZ5259B
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
ZENER DIODES
MMSZ5221B THRU MMSZ5259B
FEATURES
PLANAR DIE CONSTRUCTION
ULTRA-SMALL SURFACE MOUNT PACKAGE
GENERAL PURPOSE, MEDIUM CURRENT
IDEALLY SUITED FOR AUTOMATED ASSEMBLY PROCESSES
CASE: SOD-123
UNIT:MM
MAXIMUM RATINGS ( TAMB=25℃ UNLESS OTHERWISE SPECIFIED )
CHARACTERISTIC
SYMBOL
VALUE
UNIT
FORWARD VOLTAGE
IF=10mA
VF
0.9
V
POWER DISSIPATION (NOTE1)
Pd
350
mW
THERMAL RESISTANCE , JUNCTION TO AMBIENT AIR
(NOTE1)
Rθ JA
357
K/W
OPERATING AND STORAGE TEMPERATURE RANGE
TJ,TSTG
- 65 TO + 150
NOTE:
1. VALID PROVIDED THAT DEVICE TERMINALS ARE KEPT AT AMBIENT TEMPERATURE.
2. TESTED WITH PULSES , Tp
≦ 1.0ms


Similar Part No. - MMSZ5255B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5255B PANJIT-MMSZ5255B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diode Semiconductor Kor...
MMSZ5255B DSK-MMSZ5255B Datasheet
257Kb / 4P
   Surface mount zener diode
logo
Guangdong Kexin Industr...
MMSZ5255B KEXIN-MMSZ5255B Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
logo
UN Semiconducctor INC
MMSZ5255B UNSEMI-MMSZ5255B Datasheet
2Mb / 6P
   SOD-123 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
logo
Yea Shin Technology Co....
MMSZ5255B YEASHIN-MMSZ5255B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
More results

Similar Description - MMSZ5255B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com