Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX2815U-3.3 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX2815U-3.3
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815U-3.3 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX2815U-3.3 Datasheet HTML 2Page - Sipex Corporation SPX2815U-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2815U-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2815U-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2815U-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2815U-3.3 Datasheet HTML 7Page - Sipex Corporation SPX2815U-3.3 Datasheet HTML 8Page - Sipex Corporation SPX2815U-3.3 Datasheet HTML 9Page - Sipex Corporation SPX2815U-3.3 Datasheet HTML 10Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Date: 5/17/04
SPX2815 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
PART NUMBERS
ACC.
TOP MARK
OUTPUT VOLTAGE
PACKAGE
SPX2815R ............................... 2% ............ SPX2815RYYWW..............Adj ................... 3 lead TO-252
SPX2815R/TR ......................... 2% ............ SPX2815RYYWW..............Adj ................... 3 lead TO-252
SPX2815R-2.5 ......................... 2% ........... SPX2815R25YYWW...........Adj .................. 3 lead TO-252
SPX2815R-2.5/TR ................... 2% ........... SPX2815R25YYWW...........Adj .................. 3 lead TO-252
SPX2815R-3.3 ......................... 2% ........... SPX2815R33YYWW...........Adj .................. 3 lead TO-252
SPX2815R-3.3/TR ................... 2% ........... SPX2815R33YYWW...........Adj .................. 3 lead TO-252
SPX2815R-5.0 ......................... 2% ........... SPX2815R50YYWW...........Adj .................. 3 lead TO-252
SPX2815R-5.0/TR ................... 2% ........... SPX2815R50YYWW...........Adj .................. 3 lead TO-252
SPX2815T ................................ 2% ............ SPX2815TYYWW..............Adj ................... 3 lead TO-263
SPX2815T/TR .......................... 2% ............ SPX2815TYYWW..............Adj ................... 3 lead TO-263
SPX2815T-2.5 ......................... 2% ........... SPX2815T25YYWW...........Adj .................. 3 lead TO-263
SPX2815T-2.5/TR .................... 2% ........... SPX2815T25YYWW...........Adj .................. 3 lead TO-263
SPX2815T-3.3 ......................... 2% ........... SPX2815T33YYWW...........Adj .................. 3 lead TO-263
SPX2815T-3.3/TR .................... 2% ........... SPX2815T33YYWW...........Adj .................. 3 lead TO-263
SPX2815T-5.0 ......................... 2% ........... SPX2815T50YYWW...........Adj .................. 3 lead TO-263
SPX2815T-5.0/TR .................... 2% ........... SPX2815T50YYWW...........Adj .................. 3 lead TO-263
SPX2815U ............................... 2% ............ SPX2815UYYWW..............Adj ................... 3 lead TO-220
SPX2815U-2.5 ......................... 2% ........... SPX2815U25YYWW...........Adj .................. 3 lead TO-220
SPX2815U-3.3 ......................... 2% ........... SPX2815U33YYWW...........Adj .................. 3 lead TO-220
SPX2815U-5.0 ......................... 2% ........... SPX2815U50YYWW...........Adj .................. 3 lead TO-220
ORDERING INFORMATION
/TR = Tape and Reel
Pack quantity is 500 for TO-263 and 2,000 for
TO-252.
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.


Similar Part No. - SPX2815U-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815U-3.3 SIPEX-SPX2815U-3.3 Datasheet
73Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX2815U-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com