Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ26 Datasheet(PDF) 4 Page - Frontier Electronics.

Part # P6SMBJ26
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

P6SMBJ26 Datasheet(HTML) 4 Page - Frontier Electronics.

  P6SMBJ26 Datasheet HTML 1Page - Frontier Electronics. P6SMBJ26 Datasheet HTML 2Page - Frontier Electronics. P6SMBJ26 Datasheet HTML 3Page - Frontier Electronics. P6SMBJ26 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
P6SMBJ5.0 THRU P6SMBJ188A
Page: 4
RATINGS AND CHARACTERISTIC CURVES P6SMBJ5.0 THRU P6SMBJ188A
FIG.3 - PULSE WAVEFORM
150
100
50
0
0
1.0
2.0
3.0
4.0
t, TIME, mS
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPP
tr =10usec.
PEAK VALUE
IPPM
HALF VALUE
Ipp
2
10/1000uSec. WAVEFORM
as DEFINED by R.E.A.
td
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL
200
100
10
1
10
100
NUMBER OF CYCLES AT 60HZ
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
6.000
1.000
100
10
1
10
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
MEASURED at
STAND-OFF
VOLTAGE, VWM
MEASURED at
ZERO BIAS
TJ=25℃
f=1 MHZ
Vsig=50mVp-p
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
BIDIRECTIONAL
6.000
1.000
100
10
TA=25℃
1
10
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
MEASURED at
STAND-OFF
VOLTAGE, VWM
MEASURED at
ZERO BIAS
TJ=25℃
f=1 MHZ
Vsig=50mVp-p
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
10
1.0
0.1
0.1us
1.0us
10us
100us
1.0ms
10ms
td, PULSE WIDTH, sec.
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3 TA=25℃
MOUNTED ON
5mm×5mm
COPPER PADS
FIG. 2 - PULSE DERATING CURVE
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE,
MOUNTED ON
5mm×5mm
COPPER PADS


Similar Part No. - P6SMBJ26

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ26 PANJIT-P6SMBJ26 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
P6SMBJ26 PANJIT-P6SMBJ26 Datasheet
115Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ26 SURGE-P6SMBJ26 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ26 CHENG-YI-P6SMBJ26 Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ26 TRSYS-P6SMBJ26 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ26

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com