Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF80-04CT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SFF80-04CT
Description  8A DUAL SUPER FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SFF80-04CT Datasheet(HTML) 1 Page - Frontier Electronics.

  SFF80-04CT Datasheet HTML 1Page - Frontier Electronics. SFF80-04CT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFF80-03CT THRU SFF80-06CT
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
8A DUAL SUPER FAST RECOVERY RECTIFIER
SFF80-03CT THRU SFF80-06CT
CASE: ITO-220AB ( SFF80-XX ) , FULLY INSULATED PACKAGE
FEATURES
MECHANICAL DATA
ULTRA FAST RECOVERY TIME
CASE: TRANSFER MOLDED
LOW FORWARD VOLTAGE
TERMINAL: MIL-STD-202F METHOD 208
LOW THERMAL RESISTANCE
POLARITY: AS MARKED
HIGH CURRENT CAPABILITY
EPOXY: UL94V-0 FLAME RETARDANT MOLDING COMPOUND
HIGH VOLTAGE
MOUNTING POSITION: ANY
GLASS PASSIVATED CHIP JUNCTION
WEIGHT 2.05 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SFF80-03CT
SFF80-04CT
SFF80-05CT
SFF80-06CT
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
300
400
500
600
V
MAXIMUM RMS VOLTAGE
VRMS
210
280
350
420
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
300
400
500
600
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
IO
8.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
125
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
65
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθjc
2.2
°C/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SFF80-03CT
SFF80-04CT
SFF80-05CT
SFF80-06CT
UNITS
MAXIMUM FORWARD VOLTAGE AT 4A PER LEG
VF
1.30
1.70
V
MAXIMUM DC REVERSE CURRENT AT TA=25
°C
IR
10
μA
MAXIMUM DC REVERSE CURRENT AT TA=100
°C
IR
100
μA
MAXIMUM EVERSE RECOVERY TIME (NOTE 3)
TRR
35
nS
NOTES:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. THERMAL RESISTANCE JUNCTION TO CASE PER LEG MOUNTED ON HEAT SINK
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
MILLIMETERS
MIN
MAX
B
C
D
E
F
G
H
I
J
K
L
M
O
9.72
6.30
14.50
13.00
-
2.41
-
-
-
-
2.5
-
10.27
6.90
15.50
13.80
4.1
2.67
1.52
0.9
4.8
3.1
2.9
0.8
Ø 3.4
C
F
H
B
D
G
E
1
2
3
O
I
PIN 1
PIN 3
PIN 2
CASE
J
M
K
L


Similar Part No. - SFF80-04CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SFF80-04CT-LFR FRONTIER-SFF80-04CT-LFR Datasheet
130Kb / 2P
   8A DUAL SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SFF80-04CT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SFF80-03CT-LFR FRONTIER-SFF80-03CT-LFR Datasheet
130Kb / 2P
   8A DUAL SUPER FAST RECOVERY RECTIFIER
SFF80-03 FRONTIER-SFF80-03 Datasheet
65Kb / 2P
   8A SUPER FAST RECOVERY RECTIFIER
SFF80-03-LFR FRONTIER-SFF80-03-LFR Datasheet
130Kb / 2P
   8A SUPER FAST RECOVERY RECTIFIER
UFF80-005CT FRONTIER-UFF80-005CT Datasheet
132Kb / 2P
   8A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF80-005CT-LFR FRONTIER-UFF80-005CT-LFR Datasheet
133Kb / 2P
   8A DUAL ULTRA FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
SF806A ASEMI-SF806A Datasheet
292Kb / 2P
   8A super fast recovery diode
2018.11 Rev.3.1
MURF860AC ASEMI-MURF860AC Datasheet
274Kb / 2P
   8A super fast recovery diode
2018.11 Rev.3.1
MUR860AC ASEMI-MUR860AC Datasheet
292Kb / 2P
   8A super fast recovery diode
2018.11 Rev.3.1
SFF806A ASEMI-SFF806A Datasheet
274Kb / 2P
   8A super fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
UFF80-005 FRONTIER-UFF80-005 Datasheet
132Kb / 2P
   8A ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com