Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT107MA5 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LT107MA5
Description  ceramic filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LT107MA5 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LT107MA5 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MA5 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MA5 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MA5 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MA5 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MA5 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
3
6. PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
No
Item
Condition of Test
Performance
Requirements
6.1
Humidity
Subject the filter at +40 ± 2 ℃
and
90%-95% R.H. for 100 hours, filter shall be
measured after being placed in natural
conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.2
High
Temperature
Exposure
Subject the filter to +85 ± 5 ℃ for 100
hours, filter shall be measured after being
placed in natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.3
Low
Temperature
Exposure
Subject the filter to –25 ± 5 ℃ for 100
hours, filter shall be measured after being
placed in natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.4
Temperature
Cycling
Subject the filter to -25℃ for 30 min.
followed by a high temperature of +85℃
for 30 min. Cycling shall be repeated 5
times. Filter shall be measured after being
placed in natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.5
Vibration
Subject the filter to vibration for 2 hours
each in x y and z axis with the amplitude of
1.5mm, the frequency shall be varied
uniformly between the limits of 10Hz-55Hz
and then filter shall be measured.
It shall fulfill the
specifications
in
Table 1.
6.6
Mechanical
Shock
Filter shall be measured after 3 times'
random dropping from the height of 100cm
on concrete floor.
No visible damage
and it shall fulfill
the
specifications
in Table 1.
6.7
Resistance to
Soldering
Heat
(1)Lead terminals are immersed up to 2
mm from filter’s body in soldering bath of
260±5℃ for 5±1 seconds and then filter
shall be measured after being placed in
natural conditions for 1 hour.
(2)Lead terminals is directly contacted
with the tip of soldering iron of 350±5℃
for 5.0±0.5 seconds and then filter shall be
measured after being placed in natural
conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.


Similar Part No. - LT107MA5

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LT107MA5A10 LUGUANG-LT107MA5A10 Datasheet
123Kb / 3P
   Ceramic Filter
More results

Similar Description - LT107MA5

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com