Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT107MJ Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LT107MJ
Description  ceramic filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LT107MJ Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LT107MJ Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MJ Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MJ Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MJ Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MJ Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
3
4.2 ELECTRICAL SPECIFICATIONS
Items
Content
Center Frequency
fo (MHz)
10.700±0.030
(Red)
10.670±0.030(Blue)
10.730±0.030(Orange)
3dB Band Width
(kHz)
150±40
20dB Band Width
(kHz) max
400
Insertion Loss
(dB) max
10.0
Ripple (within 3dB bandwidth) % max
1.0
Spurious Response
(dB) min
38
(9 MHz ~12MHz)
Input/Output Impedance
(Ω)
330
5.
MEASUREMENT:
Measurement Conditions:
Parts shall be measured under a condition ( Temp.:20℃±15℃,Humidity :
65%±20% R.H.) unless the standard condition(Temp.:25℃±3℃,Humidity :
65%±5% R.H.) is regulated to measure.
Test Circuit:
Rg+R1=R2=330Ω
C=10pF(Including stray capacitance and input capacitance of RF voltmeter)


Similar Part No. - LT107MJ

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LT107MJ10 LUGUANG-LT107MJ10 Datasheet
123Kb / 3P
   Ceramic Filter
More results

Similar Description - LT107MJ

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com