Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT10.7MS2 Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LT10.7MS2
Description  ceramic filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LT10.7MS2 Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LT10.7MS2 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LT10.7MS2 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LT10.7MS2 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LT10.7MS2 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd LT10.7MS2 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd LT10.7MS2 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd LT10.7MS2 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd LT10.7MS2 Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
5
6 PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
(Continued from the preceding page)
No
Item
Condition of Test
Performance
Requirements
6.8
Resistance to
Soldering
Heat
Lead terminals are immersed up to 2 mm
from filter’s body in soldering bath of
(+260±5)℃ for (10±1) seconds and then
filter shall be measured after being placed
in natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.9
Short
time
heat
resistance
Store in (+160±2)℃ for 2 min and then
filter shall be measured after being placed
in natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.10
Solderability
Lead terminals are immersed up to 2mm
from filter’s body in soldering bath of
(+250±5)℃ for (2±0.5 )seconds.
More
than
95%
of
the
terminal
surface of the filter
shall be covered
with fresh solder.
6.11
6.11.1
6.11.2
Terminal
Strength
Terminal
Pulling
Terminal
Bending
Force of 4.9N is applied to each lead in
axial direction for (10±1) seconds.
When force of 4.9N is applied to each lead
in axial direction, the lead shall folded up
90°from the axial direction and folded
back to the axial direction. The speed of
folding shall be each 3 seconds.
No visible damage
and it shall fulfill
the
specifications
in Table 1.
Table 1
Item
Specification after test
Center Frequency drift
±30kHz max
Insertion Loss drift
±2dB max.
3dB Band Width drift
±20kHz max.
20dB Band Width drift
±30kHz max.
Spurious Response
25 dB min
Note : The limits in the above table are referenced to the initial measurements.


Similar Part No. - LT10.7MS2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT10.7MS2 ETC2-LT10.7MS2 Datasheet
118Kb / 1P
   CERAMIC FILTER FOR FM RADIO
logo
Token Electronics Indus...
LT10.7MS2 TOKEN-LT10.7MS2 Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Fronter Electronics Co....
LT10.7MS2 FRONTER-LT10.7MS2 Datasheet
224Kb / 1P
   CERAMIC FILTER FOR FMR A D IO
logo
Transko Electronics, In...
LT10.7MS2 TRANSKO-LT10.7MS2 Datasheet
375Kb / 1P
   CERAMIC FILTER (10.7MHz Series, 3pins)
Rev. 1: Jul. 2014
More results

Similar Description - LT10.7MS2

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com