Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT107MS3 Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LT107MS3
Description  ceramic filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LT107MS3 Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LT107MS3 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MS3 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MS3 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MS3 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MS3 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MS3 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MS3 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd LT107MS3 Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
4
6 PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
No
Item
Condition of Test
Performance
Requirements
6.1
Humidity
Subject the filter at (60 ± 2) ℃
and
90%~95% R.H. for 100 hours, filter shall be
measured after being placed in natural
conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.2
High
Temperature
Exposure
Subject the filter to (85 ± 5) ℃ for 100
hours, filter shall be measured after being
placed in natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.3
Low
Temperature
Exposure
Subject the filter to (–-40±5)℃ for 100 hours,
filter shall be measured after being placed in
natural conditions for 1 hour.
It shall fulfill the
specifications
in
Table 1.
6.4
Thermal
shock
After temperature cycling of blow table was
performed 5 times, filter shall be measured after
being placed in natural conditions for 1 hour.
Temperature
Time
1
(–40±3)℃
(30±3) mins
2
Room temp.
5 S
3
(+85±3)℃
(30±3) mins
4
Room temp.
5 S
It shall fulfill the
specifications
in
Table 1.
6.5
Vibration
Subject the filter to vibration for 2 hours
each in x y and z axis with the amplitude of
1.5mm, the frequency shall be varied
uniformly between the limits of 10Hz~55Hz
and then filter shall be measured.
It shall fulfill the
specifications
in
Table 1.
6.6
Mechanical
Shock test
Apply
the
half-sine
shock
pulses:
981m/s
2,6ms for 3 times in each direction of
three mutually perpendicular planes.
No visible damage
and it shall fulfill
the
specifications
in Table 1.
6.7
Drop test
Filter shall be measured after 3 times
random dropping from the height of 1m on
concrete floor.
No visible damage
and it shall fulfill
the
specifications
in Table 1.


Similar Part No. - LT107MS3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LT107MS2 LUGUANG-LT107MS2 Datasheet
161Kb / 8P
   ceramic filter
More results

Similar Description - LT107MS3

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
CFWLA GOLLEDGE-CFWLA Datasheet
54Kb / 1P
   Ceramic Filter
logo
EUROQUARTZ limited
LTM-450 EUROQUARTZ-LTM-450 Datasheet
49Kb / 1P
   CERAMIC FILTER
LTS-455W EUROQUARTZ-LTS-455W Datasheet
53Kb / 1P
   CERAMIC FILTER
LTW33-455 EUROQUARTZ-LTW33-455 Datasheet
51Kb / 1P
   CERAMIC FILTER
logo
Shenzhen Luguang Electr...
LT450EW LUGUANG-LT450EW Datasheet
228Kb / 3P
   Ceramic Filter
LT455FU LUGUANG-LT455FU Datasheet
254Kb / 3P
   Ceramic Filter
LT455HTW LUGUANG-LT455HTW Datasheet
239Kb / 3P
   Ceramic Filter
LTM450FW LUGUANG-LTM450FW Datasheet
191Kb / 3P
   Ceramic Filter
LTM450IW LUGUANG-LTM450IW Datasheet
593Kb / 3P
   Ceramic Filter
LTM455HTW LUGUANG-LTM455HTW Datasheet
216Kb / 3P
   Ceramic Filter
LTWC455E LUGUANG-LTWC455E Datasheet
224Kb / 4P
   Ceramic Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com