Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK52 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SK52
Description  5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SK52 Datasheet(HTML) 2 Page - Frontier Electronics.

  SK52 Datasheet HTML 1Page - Frontier Electronics. SK52 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK52 THRU SK510
Page: 2
RATINGS AND CHARACTERISTIC CURVE SK52 THRU SK510
FIG. 3A - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=125℃
TJ=75℃
TJ=25℃
SK52~SK54
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=150℃
TJ=75℃
TJ=25℃
TJ=125
SK55~SK510
FIG. 3B - TYPICAL REVERSE
CHARACTERISTICS
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1 .3
.5
.7
.9
1.1 1.3 1.5 1.7 1.9
2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25℃
PULSE WIDTH=300us 1% DUTY CYCLE
SK52~SK54
SK55~SK510
FIG. 1 - FORWARD CURRENT
DERATING CURVE
5.0
3.75
2.5
1.25
0
0
25
50
75
100
125
150
175
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS


Similar Part No. - SK52

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK52 PANJIT-SK52 Datasheet
73Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT- 5.0 Amperes)
logo
Nanjing International G...
SK52 DGNJDZ-SK52 Datasheet
216Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK52 EIC-SK52 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SK52 SUNMATE-SK52 Datasheet
101Kb / 2P
   5.0A Surface Mount Schottky Barrier Rectifier
logo
Micro Commercial Compon...
SK52 MCC-SK52 Datasheet
93Kb / 3P
   5 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK52

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
SK52B CITC-SK52B Datasheet
460Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
SK54MAFG CITC-SK54MAFG Datasheet
505Kb / 4P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SS52B FRONTIER-SS52B Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK52C CITC-SK52C Datasheet
471Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SS52B-LFR FRONTIER-SS52B-LFR Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK52A CITC-SK52A Datasheet
460Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK52-LFR FRONTIER-SK52-LFR Datasheet
125Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52 FRONTIER-SS52 Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK52AS CITC-SK52AS Datasheet
459Kb / 3P
   5A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SS52-LFR FRONTIER-SS52-LFR Datasheet
124Kb / 2P
   5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com