Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMAJ188A-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # P4SMAJ188A-LFR
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

P4SMAJ188A-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  P4SMAJ188A-LFR Datasheet HTML 1Page - Frontier Electronics. P4SMAJ188A-LFR Datasheet HTML 2Page - Frontier Electronics. P4SMAJ188A-LFR Datasheet HTML 3Page - Frontier Electronics. P4SMAJ188A-LFR Datasheet HTML 4Page - Frontier Electronics. P4SMAJ188A-LFR Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P4SMAJ5.0-LFR THRU P4SMAJ188A-LFR
Page:
1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0-LFR THRU P4SMAJ188A-LFR
FEATURES
OPTIMIZED FOR LAN PROTECTION APPLICATION
IDEAL FOR ESD PROTECTION OF DATA LINES IN ACCORDANCE
WITH IEC 1000-4-2(IEC801-2)
IDEAL FOR EFT PROTECTION OF DATA LINE IN ACCORDANCE
WITH IEC 1000-4-4(IEC801-4)
EXCELLENT CLAMPING CAPABILITY
LOW INCREMENTAL SURGE RESISTANCE
FAST RESPONSE TIME: TYPICALLY LESS THAN 1.0 ps FROM
0 VOLTS TO V(BR) MIN
400 W PEAK PULSE POWER CAPABILITY WITH A 10/1000
μS
WAVEFORM , REPETITION RATE (DUTY CYCLE): 0.01%
TYPICAL ID LESS THAN 1μA ABOVE 10V
HIGH TEMPERATURE SOLDERING GUARANTEED: 250
°C /10 SECONDS
AT TERMINAL
ROHS
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-214AC (SMA), DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED
POLARITY: INDICATED BY CATHODE BAND
WEIGHT: 0.064 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
RATINGS
SYMBOL
VALUE
UNITS
PEAK PULSE POWER DISSIPATION ON 10/1000
μS WAVEFORM
(NOTE 1, FIG. 1)
PPPM
MINIMUM 400
WATTS
PEAK PULSE CURRENT OF 0N 10/1000
μS WAVEFORM
(NOTE 1,FIG. 3)
IPPM
SEE TABLE 1
A
STEADY STATE POWER DISSIPATION AT TL=75℃(NOTE 2)
PM(AV)
1.0
WATTS
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD,
UNIDIRECTIONAL ONLY(NOTE 3)
IFSM
40
A
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE AT 25.0A
FOR UNIDIRECTIONAL ONLY (NOTE 3 & 4)
VF
3.5
V
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE
TJ,TSTG
- 55 TO + 150
°C
NOTE
:
1. NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25°C PER FIG 2.
2. MOUNTED ON 5.0 mm
2 COPPER PADS TO EACH TERMINAL
3. LEAD TEMPERATURE AT 75
°C =T
L PER FIG. 5
4. MEASURED ON 8.3mS SINGLE HALF SINE-WAVE. FOR UNIDIRECTIONAL DEVICES ONLY
5. PEAK PULSE POWER WAVEFORM IS 10/1000 u
S
.220(5.6)
.192(4.9)
.190(4.8)
.157(4.0)
.071(1.8)
.035(0.9)
.110(2.8)
.090(2.3)
.080(2.0)
.100(2.6)
.080(2.0)
.065(1.65)
.040(1.25)
CATHODE
.177(4.5)
.071(1.8)
.087(2.2)
SOLDERING PAD


Similar Part No. - P4SMAJ188A-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
P4SMAJ188A FRONTIER-P4SMAJ188A Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yea Shin Technology Co....
P4SMAJ188A YEASHIN-P4SMAJ188A Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
P4SMAJ188A YEASHIN-P4SMAJ188A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ188A YEASHIN-P4SMAJ188A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4SMAJ188A-LFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com