Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4002 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SM4002
Description  1A SURFACE MOUNT SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SM4002 Datasheet(HTML) 2 Page - Frontier Electronics.

  SM4002 Datasheet HTML 1Page - Frontier Electronics. SM4002 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM4001 THRU SM4007
Page: 2
RATINGS AND CHARACTERISTIC CURVES SM4001 THRU SM4007
FIG. 1 - FORWARD CURRENT DERATING CURVE
1.00
.75
.50
.25
0
25
50
75
100
125
150
175
TERMINAL TEMPERATURE
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE
VOLTS
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
10
4
1.0
0.4
0.1
.04
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE
30
10
5
1
1
5
10
50
100
REVERSE VOLTAGE VOLTS
30
25
20
15
10
5.0
1
2
4
6
8
10
20
40
60
80 100
NUMBER OF CYCLES AT 60HZ
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
TJ = 100℃
TJ = 25℃
TJ=75
8.3ms SINGLE HALF SINE-WAVE
JEDEC METHOD
60HZ
RESISTIVE OR
INDUCTIVE LOAD
Pulse Width 300us
2% Duty Cycle
TJ = 25℃
TJ = 25


Similar Part No. - SM4002

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4002 RECTRON-SM4002 Datasheet
21Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SM4002 BILIN-SM4002 Datasheet
198Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Diotec Semiconductor
SM4002 DIOTEC-SM4002 Datasheet
153Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Bytes
SM4002 BYTES-SM4002 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4002 UNIOHM-SM4002 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results

Similar Description - SM4002

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SM4001-LFR FRONTIER-SM4001-LFR Datasheet
120Kb / 2P
   1A SURFACE MOUNT SILICON RECTIFIERS
DF005S-LFR FRONTIER-DF005S-LFR Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
Microsemi Corporation
UPS5817 MICROSEMI-UPS5817 Datasheet
554Kb / 3P
   SURFACE MOUNT 1A SCHOTTKY RECTIFIERS
logo
Frontier Electronics.
DF005S FRONTIER-DF005S Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MLL5817 TAITRON-MLL5817 Datasheet
142Kb / 3P
   1A Surface Mount Schottky Rectifiers
logo
Frontier Electronics.
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FFM101M-LFR FRONTIER-FFM101M-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FM120-N FRONTIER-FM120-N Datasheet
119Kb / 2P
   1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM4933 FRONTIER-SM4933 Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Chip Integration Techno...
B120W CITC-B120W Datasheet
90Kb / 3P
   1A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com