Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4935 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SM4935
Description  1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SM4935 Datasheet(HTML) 2 Page - Frontier Electronics.

  SM4935 Datasheet HTML 1Page - Frontier Electronics. SM4935 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM4933 THRU SM4937
Page: 2
RATING AND CHARACTERISTIC CURVES SM4933 THRU SM4937
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
10
4
1.0
.4
.1
.04
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
50
40
30
20
10
0
1
2
4
6
8 10
20
40 60 80100
NUMBER OF CYCLES AT 60HZ
8.3ms Single Hhalf
9.Sine-Wave (JEDEC Method
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
20
10
1.0
0.1
.01
.6
.8
1.0
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE(V)
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE(V)
TJ=25℃
TJ=100℃
TJ=25℃
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS
SET TIME BASE
FOR
+0.5A
0
-0.25A
-1.0A
1cm
Trr
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG. 2 - TYPICAL FORWARD CURRENT
DERATING CURVE
1.0
.8
.6
.4
.2
0
0
25
50
75
100
125
150
175
TERMINAL TEMPERATURE(
℃)
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
TJ=25℃
pulse Width=300us
1% Duty Cycle


Similar Part No. - SM4935

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM4935 RECTRON-SM4935 Datasheet
29Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere)
logo
Microdiode Electronics ...
SM4935 CHENDA-SM4935 Datasheet
607Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Bytes
SM4935 BYTES-SM4935 Datasheet
159Kb / 2P
   1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SUNMATE electronic Co.,...
SM4935 SUNMATE-SM4935 Datasheet
229Kb / 2P
   SURFACE MOUNT FAST RECOVER Y RECTIFIER DIODES
logo
Dc Components
SM4935 DCCOM-SM4935 Datasheet
474Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - SM4935

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FFM101M-LFR FRONTIER-FFM101M-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS1A-LFR FRONTIER-RS1A-LFR Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933-LFR FRONTIER-SM4933-LFR Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FSM10-005 FRONTIER-FSM10-005 Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS4933-LFR FRONTIER-RS4933-LFR Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
US1A-LFR FRONTIER-US1A-LFR Datasheet
132Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
US1A FRONTIER-US1A Datasheet
131Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
SFM11M FRONTIER-SFM11M Datasheet
64Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com