Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1635PT Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR1635PT
Description  Dual Schottky Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR1635PT Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR1635PT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR1635PT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
3
15.8± 0.2
8.0± 0.2
PIN
2.2± 0.15
3.0± 0.1
5.4± 0.15
1.2± 0.15
0.6± 0.1
5.0± 0.15
2.0± 0.15
2.4± 0.2
φ3.6± 0.15
Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient tem perature unless otherwise specified.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS Voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard total device11111111
m rectified current @T
C = 125°C
IF(AV)
A
Peak forw ard surge current 8.3ms single half
b sine-w ave superimposed on rated load
IFSM
A
Maximum forw ard
(IF=8.0A,TC=25 )
voltage per leg
(NOTE 1)
(IF=8.0A,TC=125 )
Maximum reverse current
@T
C=25
at rated DC blocking voltage
@T
C=125
Maximum thermal resistance
(NOTE 2)
RθJC
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
2. Thermal resistance f rom junction to case and thermal resistance f rom junction to ambient.
m A
35
45
50
60
1
6.0
150.0
25
32
35
42
MBR
1
660PT
MBR
1
645PT
MBR
1
650PT
35
45
50
60
VOLTAGE RANGE: 35 - 60 V
CURRENT: 16 A
Metal silicon junction, m ajority carrier conduction.
Case:JEDEC
TO-3P,molded plastic body
High current capacity, low forward voltage drop.
NOTE: 1. Pulse test:300μs pulse width,1% duty cy cle.
-
55 ---- + 175
-
55 ---- + 150
Term inals:Leads, solderable per MIL-STD-750,
1 1
Method 2026
IR
VF
0.
2
1.0
1.5
TO-3P
MBR
1
635PT
Guard ring for over voltage protection.
High surge capacity.
For use in low voltage, high frequency inverters, free
11 1wheeling, and polarity protection applications.
Polarity: As m arked
Weight:
0.223 ounce, 6.3 grams
40
50
V
0.
63
0.
57
0.75
0.65
Dimensions in millimeters
MBR1635PT-MBR1660PT
Dual Schottky Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MBR1635PT

ManufacturerPart #DatasheetDescription
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
More results

Similar Description - MBR1635PT

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
MBRF2070CT SEMTECH_ELEC-MBRF2070CT Datasheet
197Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRF1635CT BILIN-MBRF1635CT Datasheet
137Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Diode Semiconductor Kor...
MBRB1635CT DSK-MBRB1635CT Datasheet
205Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Galaxy Semi-Conductor H...
MBRB1635CT BILIN-MBRB1635CT Datasheet
136Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBRF2070CT BILIN-MBRF2070CT Datasheet
157Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1620CT BILIN-SR1620CT Datasheet
93Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR2020CT BILIN-SR2020CT Datasheet
90Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR2020CT LUGUANG-SR2020CT Datasheet
200Kb / 2P
   Dual Schottky Rectifiers
logo
Diode Semiconductor Kor...
MBR1635PT DSK-MBR1635PT Datasheet
209Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
SR1020CT DSK-SR1020CT Datasheet
113Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
MBR1680PT DSK-MBR1680PT Datasheet
234Kb / 2P
   DUAL SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com