Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGL1A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # RGL1A
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

RGL1A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  RGL1A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd RGL1A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.5 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
SET TIME BASE FOR 75/150 ns /cm
0.6
0.8
1.0
1.2
1.4
1.6
0.001
0.01
0.1
1
10
TJ=25
Pulse Width=300us
0
25
50
75
100
125
150
175
0.6
1.0
1.5
0.8
0.4
0.2
RES IST IVE OR INDUCT IV E
LO A D
0.2X 0.2"(5.0X 5.0 m m )
CO PPE R PAD
ARE A S
0
110
100
12.5
25
TL=110
8.3ms SINGLE HALF SINE-WAVE
(JEDEC METHOD)
0
0.1
10
20
40
60
80
100
0.01
TA
=125℃
TA=100℃
T
A=25℃
1
100
FIG.2 -- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
TERMINAL TEMPERATURE
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (
%)
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD CURRENT DERATING CURVE
RGL1A-RGL1M
Surface Mount Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - RGL1A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
RGL1A DIOTEC-RGL1A Datasheet
155Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL1A SEMIKRON-RGL1A Datasheet
116Kb / 2P
   Fast silicon rectifier diodes
logo
Diotec Semiconductor
RGL1A DIOTEC-RGL1A Datasheet
104Kb / 2P
   Fast Switching Surface Mount Si-Rectifiers
logo
Semikron International
RGL1A SEMIKRON-RGL1A Datasheet
120Kb / 2P
   Surface mount diode
logo
SEMTECH ELECTRONICS LTD...
RGL1A SEMTECH_ELEC-RGL1A Datasheet
133Kb / 1P
   SURFACE MOUNT FAST SILICON RECTIFIERS
More results

Similar Description - RGL1A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com