Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2BA Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # S2BA
Description  1.5AMP.Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

S2BA Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  S2BA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd S2BA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions in inches and (millimeters)
SMA/DO-214AC
Features
For surface mounted application
Glass passivated junction chip.
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
Plastic material used carries Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260
oC / 10 seconds at terminals
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated, lead free.
Polarity: Indicated by cathode band
Packaging: 12mm tape
W eight: 0.064 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol S2AA S2BA S2DA S2GA S2JA S2KA S2MA
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TL =100
oC
I(AV)
1.5
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage
@ 1.5A
VF
1.1
V
Maximum DC Reverse Current
@TA =25
oC at Rated DC Blocking Voltage
@ TA=125
oC
IR
5.0
125
uA
uA
Typical Reverse Recovery Time ( Note 1 )
Trr
1.5
uS
Typical Junction Capacitance ( Note 2 )
Cj
30
pF
Typical Thermal resistance (Note 3)
RθJL
RθJA
16
53
oC/W
Operating Temperature Range
TJ
-55 to +150
oC
Storage Temperature Range
TSTG
-55 to +150
oC
Notes:
1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1 MHz and Applied VR=4.0 Volts
3. Measured on P.C. Board with 0.2” x 0.2” (5.0 mm x 5.0mm) Copper Pad Areas.
S2AA-S2MA
1.5AMP.Surface Mount Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - S2BA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2BA SSE-S2BA Datasheet
16Kb / 1P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
S2BA TSC-S2BA Datasheet
217Kb / 2P
   1.5AMPS Surface Mount Rectifiers
logo
SAMYANG ELECTRONICS CO....
S2BA SAMYANG-S2BA Datasheet
1Mb / 2P
   PLASTIC SILICON RECTIFIER
logo
Diodes Incorporated
S2BA DIODES-S2BA Datasheet
47Kb / 2P
   1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
DIOTEC Electronics Corp...
S2BA DEC-S2BA Datasheet
1Mb / 2P
   For surface mounted applications
More results

Similar Description - S2BA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
SUF4001 DSK-SUF4001 Datasheet
255Kb / 2P
   SUF4001SURFACE MOUNT RECTIFIERS
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com