Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4SMA530A Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # P4SMA530A
Description  Glass Passivated Junction Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

P4SMA530A Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  P4SMA530A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd P4SMA530A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd P4SMA530A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
400 Watt TVS
UNI-
POLAR
BI-
POLAR
P4SMA
6.8A
6.8CA
6V8A
6V8C
5.80
6.45
7.14
10
10.5
39.0
1000
P4SMA
7.5A
7.5CA
7V5A
7V5C
6.40
7.13
7.88
10
11.3
36.3
500
P4SMA
8.2A
8.2CA
8V2A
8V2C
7.02
7.79
8.61
10
12.1
33.9
200
P4SMA
9.1A
9.1CA
9V1A
9V1C
7.78
8.65
9.55
1
13.4
30.6
50
P4SMA
10A
10CA
10A
10C
8.55
9.50
10.50
1
14.5
28.3
10
P4SMA
11A
11CA
11A
11C
9.40
10.50
11.60
1
15.6
26.3
5
P4SMA
12A
12CA
12A
12C
10.20
11.40
12.60
1
16.7
24.6
5
P4SMA
13A
13CA
13A
13C
11.10
12.40
13.70
1
18.2
22.5
5
P4SMA
15A
15CA
15A
15C
12.80
14.30
15.80
1
21.2
19.3
5
P4SMA
16A
16CA
16A
16C
13.60
15.20
16.80
1
22.5
18.2
5
P4SMA
18A
18CA
18A
18C
15.30
17.10
18.90
1
25.5
16.1
5
P4SMA
20A
20CA
20A
20C
17.10
19.00
21.00
1
27.7
14.8
5
P4SMA
22A
22CA
22A
22C
18.80
20.90
23.10
1
30.6
13.4
5
P4SMA
24A
24CA
24A
24C
20.50
22.80
25.20
1
33.2
12.3
5
P4SMA
27A
27CA
27A
27C
23.10
25.70
28.40
1
37.5
10.9
5
P4SMA
30A
30CA
30A
30C
25.60
28.50
31.50
1
41.4
9.9
5
P4SMA
33A
33CA
33A
33C
28.20
31.40
34.70
1
45.7
9.0
5
P4SMA
36A
36CA
36A
36C
30.80
34.20
37.80
1
49.9
8.2
5
P4SMA
39A
39CA
39A
39C
33.30
37.10
41.00
1
53.9
7.6
5
P4SMA
43A
43CA
43A
43C
36.80
40.90
45.20
1
59.3
6.9
5
P4SMA
47A
47CA
47A
47C
40.20
44.70
49.40
1
64.8
6.3
5
P4SMA
51A
51CA
51A
51C
43.60
48.50
53.60
1
70.1
5.8
5
P4SMA
56A
56CA
56A
56C
47.80
53.20
58.80
1
77.0
5.3
5
P4SMA
62A
62CA
62A
62C
53.00
58.90
65.10
1
85.0
4.8
5
P4SMA
68A
68CA
68A
68C
58.10
64.60
71.40
1
92.0
4.5
5
P4SMA
75A
75CA
75A
75C
64.10
71.30
78.80
1
103.0
4.0
5
P4SMA
82A
82CA
82A
82C
70.10
77.90
86.10
1
113.0
3.6
5
P4SMA
91A
91CA
91A
91C
77.80
86.50
95.50
1
125.0
3.3
5
P4SMA
100A
100CA
100A
100C
85.50
95.00
105.00
1
137.0
3.0
5
P4SMA
110A
110CA
110A
110C
94.00
105.00
116.00
1
152.0
2.7
5
P4SMA
120A
120CA
120A
120C
102.00
114.00
126.00
1
165.0
2.5
5
P4SMA
130A
130CA
130A
130C
111.00
124.00
137.00
1
179.0
2.3
5
P4SMA
150A
150CA
150A
150C
128.00
143.00
158.00
1
207.0
2.0
5
P4SMA
160A
160CA
160A
160C
136.00
152.00
168.00
1
219.0
1.9
5
P4SMA
170A
170CA
170A
170C
145.00
162.00
179.00
1
234.0
1.8
5
P4SMA
180A
180CA
180A
180C
154.00
171.00
189.00
1
246.0
1.7
5
P4SMA
200A
200CA
200A
200C
171.00
190.00
210.00
1
274.0
1.5
5
P4SMA
220A
220CA
220A
220C
185.00
209.00
231.00
1
328.0
1.3
5
P4SMA
250A
250CA
250A
250C
214.00
237.00
263.00
1
344.0
1.2
5
P4SMA
300A
300CA
300A
300C
256.00
285.00
315.00
1
414.0
1.0
5
P4SMA
350A
350CA
350A
350C
300.00
332.00
368.00
1
482.0
0.9
5
P4SMA
400A
400CA
400A
400C
342.00
380.00
420.00
1
548.0
0.8
5
P4SMA
440A
440CA
440A
440C
376.00
418.00
462.00
1
602.0
0.7
5
P4SMA
480A
480CA
480A
480C
408.00
456.00
504.00
1
658.0
0.6
5
P4SMA
510A
510CA
510A
510C
434.00
485.00
535.00
1
698.0
0.6
5
P4SMA
530A
530CA
530A
530C
450.00
503.50
556.50
1
725.0
0.6
5
P4SMA
540A
540CA
540A
540C
459.00
513.00
567.00
1
740.0
0.5
5
P4SMA
550A
550CA
550A
550C
467.00
522.50
577.50
1
760.0
0.5
5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
The available parts are "A" type only, the parts without A (VBR is ± 10%) are not available.
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@ VRWM
IR(µA)
P4SMA
PART NUMBER
MARKING CODE
P4SMA SERIES
Glass Passivated Junction Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - P4SMA530A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA530A LITTELFUSE-P4SMA530A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Diotec Semiconductor
P4SMA530A DIOTEC-P4SMA530A Datasheet
120Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shanghai Leiditech Elec...
P4SMA530A LEIDITECH-P4SMA530A Datasheet
1Mb / 7P
   Surface Mount ??400W
logo
Diotec Semiconductor
P4SMA530A DIOTEC-P4SMA530A Datasheet
135Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
P4SMA530A DIOTEC-P4SMA530A Datasheet
120Kb / 3P
   Transient Voltage Suppressor Diodes
More results

Similar Description - P4SMA530A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com